Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19W Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL19W
Description  DC-3000 MHz High Linearity LNA MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19W Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL19W Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7223
February 2009
ASL19W
DC-3000 MHz High Linearity LNA MMIC
Typical
Parameters
Units
Low Noise
Frequency
MHz
850
2000
2700
Gain
dB
20
13
11
S11
dB
-20
-20
-16
S22
dB
-18
-15
-14
Output IP3
1)
dBm
35.5
37
38
Noise Figure
dB
0.9
0.9
1.1
Output P1dB
dBm
22
22
22
Supply Current
mA
73
73
73
Supply Voltage
V
5
5
5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
850
Gain
dB
19
20
S11
dB
-20
S22
dB
-18
Output IP3
dBm
34
35.5
Noise Figure
dB
0.9
1.1
Output P1dB
dBm
20
22
Supply Current
mA
55
73
86
Supply Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Supply Voltage
+6 V
Operating Junction Temperature
+150
°C
Input RF Power (CW, 50ohm matched)*
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4
th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
·20 dB Gain at 850 MHz
·0.9 dB NF
·22 dBm P1dB
·35.5 dBm Output IP3
·MTTF > 100 Years
·Single Supply
The ASL19W, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3 GHz.
S11 down to –20 dB is easily achieved for low noise
application to provide a good productivity. The ampli-
fier is available in an SOT-89 package and passes
through the stringent DC, RF, and reliability tests.
Applications
·CDMA, GSM, W-CDMA, PCS
Gain Block Amplifier
·Low Noise Amplifier
·IF Amplifier
·WiBro/WiMAX Amplifier
·Bluetooth Amplifier
·Wireless LAN Amplifier
Product Specifications
Typical Performance
ASL19W
Package Style: SOT-89


Similar Part No. - ASL19W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
More results

Similar Description - ASL19W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL29W ASB-ASL29W Datasheet
834Kb / 11P
5-3000 MHz High Linearity LNA MMIC
February 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
ASL210 ASB-ASL210_13 Datasheet
539Kb / 9P
5 ~ 3000 MHz High Linearity LNA MMIC
April 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com