Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2310 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2310
Description  DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2310 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2310 Datasheet HTML 1Page - Texas Instruments TPS2310 Datasheet HTML 2Page - Texas Instruments TPS2310 Datasheet HTML 3Page - Texas Instruments TPS2310 Datasheet HTML 4Page - Texas Instruments TPS2310 Datasheet HTML 5Page - Texas Instruments TPS2310 Datasheet HTML 6Page - Texas Instruments TPS2310 Datasheet HTML 7Page - Texas Instruments TPS2310 Datasheet HTML 8Page - Texas Instruments TPS2310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS2310, TPS2311
DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT
CIRCUIT BREAKER AND POWER-GOOD REPORTING
SLVS275B – FEBRUARY 2000 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Dual-Channel High-Side MOSFET Drivers
D IN1: 3 V to 13 V; IN2: 3 V to 5.5 V
D Inrush Current Limiting With dv/dt Control
D Circuit-Breaker Control With Programmable
Current Limit and Transient Timer
D Power-Good Reporting With Transient
Filter
D CMOS- and TTL-Compatible Enable Input
D Low, 5-µA Standby Supply Current ...Max
D Available in 20-Pin TSSOP Package
D –40°C to 85°C Ambient Temperature Range
D Electrostatic Discharge Protection
applications
D Hot-Swap/Plug/Dock Power Management
D Hot-Plug PCI, Device Bay
D Electronic Circuit Breaker
description
The TPS2310 and TPS2311 are dual-channel
hot-swap controllers that use external N-channel
MOSFETs as high-side switches in power
applications. Features of these devices, such as
overcurrent protection (OCP), inrush current
control,
output-power
status
reporting,
and
separation of load transients from actual load
increases, are critical requirements for hot-swap
applications.
The TPS2310/11 devices incorporate undervoltage lockout (UVLO) and power-good (PG) reporting to ensure
the device is off at start-up and confirm the status of the output voltage rails during operation. Each internal
charge pump, capable of driving multiple MOSFETs, provides enough gate-drive voltage to fully enhance the
N-channel MOSFETs. The charge pumps control both the rise times and fall times (dv/dt) of the MOSFETs,
reducing power transients during power up/down. The circuit-breaker functionality combines the ability to sense
overcurrent conditions with a timer function; this allows designs such as DSPs, that may have high peak currents
during power-state transitions, to disregard transients for a programmable period.
AVAILABLE OPTIONS
TA
HOT SWAP CONTROLLER DESCRIPTION
PIN
TSSOP PACKAGES (PW, PWR)
TA
HOT-SWAP CONTROLLER DESCRIPTION
COUNT
ENABLE
ENABLE
Dual-channel with independent OCP and adjustable PG
20
TPS2300IPW
TPS2301IPW
40
°Cto85°C
Dual-channel with interdependent OCP and adjustable PG
20
TPS2310IPW
TPS2311IPW
– 40
°C to 85°C
Dual-channel with independent OCP
16
TPS2320IPW
TPS2321IPW
Single-channel with OCP and adjustable PG
14
TPS2330IPW
TPS2331IPW
† The packages are available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TPS2311IPWR).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GATE1
GATE2
DGND
TIMER
VREG
VSENSE2
VSENSE1
AGND
ISENSE2
ISENSE1
DISCH1
DISCH2
ENABLE
PWRGD1
FAULT
ISET1
ISET2
PWRGD2
IN2
IN1
PW PACKAGE
(TOP VIEW)
typical application
NOTE: Terminal 18 is active high on TPS2311.
VREG
IN1
ISET1
ISENSE1 GATE1
DISCH1
VSENSE1
PWRGD1
FAULT
TIMER
VSENSE2
DISCH2
GATE2
ISENSE2
ISET2
IN2
ENABLE
DGND
AGND
V2
V1
3 V – 5.5 V
3 V – 13 V
PWRGD2
TPS2310
+
VO1
VO2
+


Similar Part No. - TPS2310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI1-TPS2310 Datasheet
1Mb / 27P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI2-TPS2310 Datasheet
674Kb / 29P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
REVISED JULY 2013
TPS2310IPW TI-TPS2310IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2310IPW TI-TPS2310IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2310IPW TI1-TPS2310IPW Datasheet
1Mb / 27P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results

Similar Description - TPS2310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com