Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2320 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2320
Description  DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2320 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2320 Datasheet HTML 1Page - Texas Instruments TPS2320 Datasheet HTML 2Page - Texas Instruments TPS2320 Datasheet HTML 3Page - Texas Instruments TPS2320 Datasheet HTML 4Page - Texas Instruments TPS2320 Datasheet HTML 5Page - Texas Instruments TPS2320 Datasheet HTML 6Page - Texas Instruments TPS2320 Datasheet HTML 7Page - Texas Instruments TPS2320 Datasheet HTML 8Page - Texas Instruments TPS2320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS2320, TPS2321
DUAL HOT SWAP POWER CONTROLLER
WITH INDEPENDENT CIRCUIT BREAKER
SLVS276A – MARCH 200 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Dual-Channel High-Side MOSFET Drivers
D IN1: 3 V to 13 V; IN2: 3 V to 5.5 V
D Inrush Current Limiting With dv/dt Control
D Independent Circuit-Breaker Control With
Programmable Current Limit and Transient
Timer
D CMOS- and TTL-Compatible Enable Input
D Low, 5-µA Standby Supply Current ...Max
D Available in 16-Pin SOIC and TSSOP
Package
D –40°C to 85°C Ambient Temperature Range
D Electrostatic Discharge Protection
applications
D Hot-Swap/Plug/Dock Power Management
D Hot-Plug PCI, Device Bay
D Electronic Circuit Breaker
description
The TPS2320 and TPS2321 are dual-channel
hot-swap controllers that use external N-channel
MOSFETs as high-side switches in power
applications. Features of these devices, such as
overcurrent protection (OCP), inrush-current
control, and separation of load transients from
actual load increases, are critical requirements for
hot-swap applications.
The TPS2320/21 devices incorporate undervoltage lockout (UVLO) to ensure the device is off at startup. Each
internal charge pump, capable of driving multiple MOSFETs, provides enough gate-drive voltage to fully
enhance the N-channel MOSFETs. The charge pumps control both the rise times and fall times (dv/dt) of the
MOSFETs, reducing power transients during power up/down. The circuit-breaker functionality combines the
ability to sense overcurrent conditions with a timer function; this allows designs such as DSPs, that may have
high peak currents during power-state transitions, to disregard transients for a programmable period.
AVAILABLE OPTIONS
TA
HOT SWAP CONTROLLER DESCRIPTION
PIN
PACKAGES
TA
HOT-SWAP CONTROLLER DESCRIPTION
COUNT
ENABLE
ENABLE
Dual-channel with independent OCP and adjustable PG
20
TPS2300IPW
TPS2301IPW
Dual-channel with interdependent OCP and adjustable PG
20
TPS2310IPW
TPS2311IPW
–40
°C to 85°C
Dual-channel with independent OCP
16
TPS2320ID
TPS2320IPW
TPS2321ID
TPS2321IPW
Single-channel with OCP and adjustable PG
14
TPS2330ID
TPS2330IPW
TPS2331ID
TPS2331IPW
† The packages are available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TPS2321IPWR).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
typical application
NOTE: Terminal 14 is active high on TPS2321.
VREG
IN1
ISET1
ISENSE1 GATE1
DISCH1
FAULT
TIMER
DISCH2
GATE2
ISENSE2
ISET2
IN2
ENABLE
DGND
AGND
V2
V1
3 V – 5.5 V
3 V – 13 V
TPS2320
+
VO1
VO2
+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GATE1
GATE2
DGND
TIMER
VREG
AGND
ISENSE2
ISENSE1
DISCH1
DISCH2
ENABLE
FAULT
ISET1
ISET2
IN2
IN1
D OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TPS2320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320 TI-TPS2320 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI2-TPS2320 Datasheet
688Kb / 29P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
REVISED JULY 2013
TPS2320ID TI-TPS2320ID Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com