Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2330 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2330
Description  SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2330 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2330 Datasheet HTML 1Page - Texas Instruments TPS2330 Datasheet HTML 2Page - Texas Instruments TPS2330 Datasheet HTML 3Page - Texas Instruments TPS2330 Datasheet HTML 4Page - Texas Instruments TPS2330 Datasheet HTML 5Page - Texas Instruments TPS2330 Datasheet HTML 6Page - Texas Instruments TPS2330 Datasheet HTML 7Page - Texas Instruments TPS2330 Datasheet HTML 8Page - Texas Instruments TPS2330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS2330, TPS2331
SINGLE HOT SWAP POWER CONTROLLER WITH
CIRCUIT BREAKER AND POWER-GOOD REPORTING
SLVS277A – MARCH 2000– REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Single-Channel High-Side MOSFET Driver
D Input Voltage: 3 V to 13 V
D Inrush Current Limiting With dv/dt Control
D Circuit-Breaker Control With Programmable
Current Limit and Transient Timer
D Power-Good Reporting With Transient
Filter
D CMOS- and TTL-Compatible Enable Input
D Low 5-µA Standby Supply Current ...Max
D Available in 14-Pin SOIC and TSSOP
Package
D –40°C to 85°C Ambient Temperature Range
D Electrostatic Discharge Protection
applications
D Hot-Swap/Plug/Dock Power Management
D Hot-Plug PCI, Device Bay
D Electronic Circuit Breaker
description
The TPS2330 and TPS2331 are single-channel hot-swap controllers that use external N-channel MOSFETs
as high-side switches in power applications. Features of these devices, such as overcurrent protection (OCP),
inrush-current control, output-power status reporting, and separation of load transients from actual load
increases, are critical requirements for hot-swap applications.
The TPS2330/31 devices incorporate undervoltage lockout (UVLO) and power-good (PG) reporting to ensure
the device is off at start-up and confirm the status of the output voltage rails during operation. An internal charge
pump, capable of driving multiple MOSFETs, provides enough gate-drive voltage to fully enhance the N-channel
MOSFETs. The charge pump controls both the rise times and fall times (dv/dt) of the MOSFETs, reducing power
transients during power up/down. The circuit-breaker functionality combines the ability to sense overcurrent
conditions with a timer function; this allows designs such as DSPs, that may have high peak currents during
power-state transitions, to disregard transients for a programmable period.
AVAILABLE OPTIONS
TA
HOT SWAP CONTROLLER DESCRIPTION
PIN
PACKAGES
TA
HOT-SWAP CONTROLLER DESCRIPTION
COUNT
ENABLE
ENABLE
Dual-channel with independent OCP and adjustable PG
20
TPS2300IPW
TPS2301IPW
Dual-channel with interdependent OCP and adjustable PG
20
TPS2310IPW
TPS2311IPW
–40
°C to 85°C
Dual-channel with independent OCP
16
TPS2320ID
TPS2320IPW
TPS2321ID
TPS2321IPW
Single-channel with OCP and adjustable PG
14
TPS2330ID
TPS2330IPW
TPS2331ID
TPS2331IPW
† The packages are available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TPS2331IPWR).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
typical application
NOTE: Terminal 13 is active high on TPS2331.
VREG
IN
ISET
ISENSE
GATE
DISCH
VSENSE
PWRGD
FAULT
TIMER
ENABLE
DGND
AGND
VIN
3 V – 13 V
TPS2330
+
VO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GATE
DGND
TIMER
VREG
VSENSE
AGND
ISENSE
DISCH
ENABLE
PWRGD
FAULT
ISET
AGND
IN
D OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TPS2330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2330 TI-TPS2330 Datasheet
951Kb / 25P
SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI2-TPS2330 Datasheet
755Kb / 29P
SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
REVISED JULY 2013
TPS2330ID TI-TPS2330ID Datasheet
951Kb / 25P
SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330ID TI-TPS2330ID Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2330ID TI-TPS2330ID Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
Power MOSFETs and Hot-Swap Controller
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com