Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2811 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2811 Datasheet HTML 1Page - Texas Instruments TPS2811 Datasheet HTML 2Page - Texas Instruments TPS2811 Datasheet HTML 3Page - Texas Instruments TPS2811 Datasheet HTML 4Page - Texas Instruments TPS2811 Datasheet HTML 5Page - Texas Instruments TPS2811 Datasheet HTML 6Page - Texas Instruments TPS2811 Datasheet HTML 7Page - Texas Instruments TPS2811 Datasheet HTML 8Page - Texas Instruments TPS2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Industry-Standard Driver Replacement
D 25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay – 1-nF Load, VCC = 14 V
D 2-A Peak Output Current, VCC = 14 V
D 5-µA Supply Current — Input High or Low
D 4-V to 14-V Supply-Voltage Range; Internal
Regulator Extends Range to 40 V (TPS2811,
TPS2812, TPS2813)
D –40°C to 125°C Ambient-Temperature
Operating Range
description
The TPS28xx series of dual high-speed MOSFET
drivers are capable of delivering peak currents of
2 A into highly capacitive loads. This performance
is achieved with a design that inherently
minimizes shoot-through current and consumes
an order of magnitude less supply current than
competitive products.
The TPS2811, TPS2812, and TPS2813 drivers
include a regulator to allow operation with supply
inputs between 14 V and 40 V. The regulator
output can power other circuitry, provided power
dissipation does not exceed package limitations. When the regulator is not required, REG_IN and REG_OUT
can be left disconnected or both can be connected to VCC or GND.
The TPS2814 and the TPS2815 have 2-input gates that give the user greater flexibility in controlling the
MOSFET. The TPS2814 has AND input gates with one inverting input. The TPS2815 has dual-input NAND
gates.
TPS28xx series drivers, available in 8-pin PDIP, SOIC, and TSSOP packages and as unmounted ICs, operate
over a ambient temperature range of –40
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
INTERNAL
REGULATOR
LOGIC FUNCTION
SMALL
OUTLINE
(D)
PLASTIC
DIP
(P)
TSSOP (PW)
CHIP
FORM
(Y)
–40
°C
to
Yes
Dual inverting drivers
Dual noninverting drivers
One inverting and one noninverting driver
TPS2811D
TPS2812D
TPS2813D
TPS2811P
TPS2812P
TPS2813P
TPS2811PWLE
TPS2812PWLE
TPS2813PWLE
TPS2811Y
TPS2812Y
TPS2813Y
to
125
°C
No
Dual 2-input AND drivers, one inverting input on
each driver
Dual 2-input NAND drivers
TPS2814D
TPS2815D
TPS2814P
TPS2815P
TPS2814PWLE
TPS2815PWLE
TPS2814Y
TPS2815Y
The D package is available taped and reeled. Add R suffix to device type (e.g., TPS2811DR). The PW package is only available left-end
taped and reeled and is indicated by the LE suffix on the device type (e.g., TPS2811PWLE).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
REG_IN
1IN
GND
2IN
REG_OUT
1OUT
VCC
2OUT
TPS2811, TPS2812, TPS2813 . . . D, P, AND PW
PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
1IN1
1IN2
2IN1
2IN2
GND
1OUT
VCC
2OUT
TPS2814 . . . D, P, AND PW PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
1IN1
1IN2
2IN1
2IN2
GND
1OUT
VCC
2OUT
TPS2815 . . . D, P, AND PW PACKAGES
(TOP VIEW)


Similar Part No. - TPS2811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI2-TPS2811 Datasheet
1,001Kb / 32P
DUAL HIGH-SPEED MOSFET DRIVER
JUNE 2010
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
DUAL HIGH-SPEED MOSFET DRIVER
TPS2811-Q1 TI2-TPS2811-Q1 Datasheet
1,001Kb / 32P
DUAL HIGH-SPEED MOSFET DRIVER
JUNE 2010
TPS2811D TI1-TPS2811D Datasheet
1Mb / 38P
DUAL HIGH-SPEED MOSFET DRIBERS
TPS2811DG4 TI1-TPS2811DG4 Datasheet
1Mb / 38P
DUAL HIGH-SPEED MOSFET DRIBERS
More results

Similar Description - TPS2811

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
High Speed Single/Dual MOSFET Drivers
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com