Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2830 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2830
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2830 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2830 Datasheet HTML 1Page - Texas Instruments TPS2830 Datasheet HTML 2Page - Texas Instruments TPS2830 Datasheet HTML 3Page - Texas Instruments TPS2830 Datasheet HTML 4Page - Texas Instruments TPS2830 Datasheet HTML 5Page - Texas Instruments TPS2830 Datasheet HTML 6Page - Texas Instruments TPS2830 Datasheet HTML 7Page - Texas Instruments TPS2830 Datasheet HTML 8Page - Texas Instruments TPS2830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPS2830, TPS2831
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS196B – JANUARY1999 – REVISED SEPTEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Floating Bootstrap or Ground-Reference
High-Side Driver
D Active Deadtime Control
D 50-ns Max Rise/Fall Times and 100-ns Max
Propagation Delay — 3-nF Load
D Ideal for High-Current Single or Mutiphase
Applications
D 2.4-A Typ Peak Output Current
D 4.5-V to 15-V Supply Voltage Range
D Internal Schottky Bootstrap Diode
D SYNC Control for Synchronous or
Nonsynchronous Operation
D CROWBAR for OVP, Protects Against
Faulted High-Side Power FETs
D Low Supply Current . . . 3-mA Typ
D –40°C to 125°C Junction-Temperature
Operating Range
description
The TPS2830 and TPS2831 are MOSFET drivers for synchronous-buck power stages. These devices are ideal
for designing a high-performance power supply using a switching controller that does not include suitable
MOSFET drivers on the chip. The drivers are designed to deliver 2.4-A peak currents into large capacitive loads.
Higher currents can be controlled by using multiple drivers in a multiphase configuration. The high-side driver
can be configured as a ground-reference driver or as a floating bootstrap driver. An adaptive dead-time control
circuit eliminates shoot-through currents through the main power FETs during switching transitions, and
provides high efficiency for the buck regulator. The TPS2830/31 drivers have additional control functions:
ENABLE, SYNC, and CROWBAR. Both drivers are off when ENABLE is low. The driver is configured as a
nonsynchronous-buck driver when SYNC is low. The CROWBAR function turns on the low-side power FET,
overriding the IN signal, for over-voltage protection against faulted high-side power FETs.
The TPS2830 has a noninverting input. The TPS2831 has an inverting input. The TPS2830/31 drivers are
available in 14-terminal SOIC and TSSOP packages and operate over a junction temperature range of –40
°C
to 125
°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TJ
SOIC
(D)
TSSOP
(PWP)
–40
°C to 125°C
TPS2830D
TPS2831D
TPS2830PWP
TPS2831PWP
The D and PWP packages are available taped and reeled. Add R
suffix to device type (e.g., TPS2830DR)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ENABLE
IN
CROWBAR
NC
SYNC
DT
PGND
BOOT
NC
HIGHDR
BOOTLO
LOWDR
NC
VCC
D OR PWP PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS2830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830 TI1-TPS2830 Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
769Kb / 22P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
TPS2830 TI1-TPS2830 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830 Datasheet
739Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI2-TPS2830 Datasheet
296Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
REVISED JANUARY 2001
More results

Similar Description - TPS2830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com