Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2834 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2834
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2834 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2834 Datasheet HTML 1Page - Texas Instruments TPS2834 Datasheet HTML 2Page - Texas Instruments TPS2834 Datasheet HTML 3Page - Texas Instruments TPS2834 Datasheet HTML 4Page - Texas Instruments TPS2834 Datasheet HTML 5Page - Texas Instruments TPS2834 Datasheet HTML 6Page - Texas Instruments TPS2834 Datasheet HTML 7Page - Texas Instruments TPS2834 Datasheet HTML 8Page - Texas Instruments TPS2834 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPS2834, TPS2835
SYNCHRONOUS-BUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Floating Bootstrap or Ground-Reference
High-Side Driver
D Active Deadtime Control
D 50-ns Max Rise/Fall Times With 3.3-nF Load
D 2-A Min Peak Output Current
D 4.5-V to 15-V Supply Voltage Range
D TTL-Compatible Inputs
D Internal Schottky Bootstrap Diode
D SYNC Control for Synchronous or
Nonsynchronous Operation
D CROWBAR for OVP, Protects Against
Faulted High-Side Power FETs
D Low Supply Current ...3 mA Typ
D Ideal for High-Current Single- or Multiphase
Applications
D –40°C to 125°C Junction-Temperature
Operating Range
description
The TPS2834 and TPS2835 are MOSFET drivers for synchronous-buck power stages. These devices are ideal
for designing a high-performance power supply using a switching controller that does not include suitable
on-chip MOSFET drivers. The drivers are designed to deliver minimum 2-A peak currents into large capacitive
loads. The high-side driver can be configured as ground-reference or as floating-bootstrap. An adaptive
dead-time control circuit eliminates shoot-through currents through the main power FETs during switching
transitions, and provides high efficiency for the buck regulator. The TPS2834 and TPS2835 have additional
control functions: ENABLE, SYNC, and CROWBAR. Both high-side and low-side drivers are off when ENABLE
is low. The low-side driver is configured as a nonsynchronous-buck driver when SYNC is low. The CROWBAR
function turns on the low-side power FET, overriding the IN signal, for overvoltage protection against faulted
high-side power FETs.
The TPS2834 has a noninverting input, while the TPS2835 has an inverting input. These drivers are available
in 14-terminal SOIC and TSSOP packages and operate over a junction temperature range of –40
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TJ
SOIC
(D)
TSSOP
(PWP)
–40
°C to 125°C
TPS2834D
TPS2835D
TPS2834PWP
TPS2835PWP
The D and PWP packages are available taped and reeled. Add R
suffix to device type (e.g., TPS2834DR)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ENABLE
IN
CROWBAR
NC
SYNC
DT
PGND
BOOT
NC
HIGHDR
BOOTLO
LOWDR
NC
VCC
D OR PWP PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS2834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834 TI1-TPS2834 Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834 Datasheet
739Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI2-TPS2834 Datasheet
296Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
REVISED JANUARY 2001
TPS2834 TI2-TPS2834 Datasheet
300Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER ‘WITH DEAD-TIME CONTROL
REVISED AUGUST 2002
More results

Similar Description - TPS2834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
logo
Texas Instruments
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com