Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2836 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2836 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2836 Datasheet HTML 1Page - Texas Instruments TPS2836 Datasheet HTML 2Page - Texas Instruments TPS2836 Datasheet HTML 3Page - Texas Instruments TPS2836 Datasheet HTML 4Page - Texas Instruments TPS2836 Datasheet HTML 5Page - Texas Instruments TPS2836 Datasheet HTML 6Page - Texas Instruments TPS2836 Datasheet HTML 7Page - Texas Instruments TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPS2836, TPS2837
SYNCHRONOUS-BUCK MOSFET DRIVER
WITH DEADTIME CONTROL
SLVS224 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Floating Bootstrap or Ground-Reference
High-Side Driver
D Active Deadtime Control
D 50-ns Max Rise/Fall Times With 3.3-nF Load
D 2-A Min Peak Output Current
D 4.5-V to 15-V Supply Voltage Range
D TTL-Compatible Inputs
D Internal Schottky Bootstrap Diode
D Low Supply Current ...3 mA Typ
D Ideal for High-Current Single- or Multiphase
Applications
D –40°C to 125°C Junction-Temperature
Operating Range
description
The TPS2836 and TPS2837 are MOSFET drivers for synchronous-buck power stages. These devices are ideal
for designing a high-performance power supply using a switching controller that does not include suitable
on-chip MOSFET drivers. The drivers are designed to deliver minimum 2-A peak currents into large capacitive
loads. The high-side driver can be configured as ground-reference or as floating-bootstrap. An adaptive
dead-time control circuit eliminates shoot-through currents through the main power FETs during switching
transitions and provides high efficiency for the buck regulator.
The TPS2836 has a noninverting input, while the TPS2837 has an inverting input. These drivers, available in
8-terminal SOIC packages, operate over a junction temperature range of –40
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TJ
SOIC
(D)
–40
°C to 125°C
TPS2836D
TPS2837D
The D package is available taped and reeled. Add R
suffix to device type (e.g., TPS2836DR)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
IN
PGND
DT
VCC
BOOT
HIGHDR
BOOTLO
LOWDR


Similar Part No. - TPS2836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836 TI1-TPS2836 Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836 Datasheet
739Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI2-TPS2836 Datasheet
296Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
REVISED JANUARY 2001
TPS2836 TI2-TPS2836 Datasheet
300Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER ‘WITH DEAD-TIME CONTROL
REVISED AUGUST 2002
More results

Similar Description - TPS2836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
Synchronous Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com