Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD3KB80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # UD3KB80
Description  Bridge Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

UD3KB80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  UD3KB80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd UD3KB80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bridge Diode
シングルインライン型
Single In-line Package
48
(J534)
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
■定格表 RATINGS
■外観図 OUTLINE
Package:D3K
UD3KB80
800V 3A
■定格表 RATINGS
•薄型S
IP パッケージ
• UL E142422
• 高耐圧・高
IFSM
3.1
①②③④
13.8
①②
④
③
+∼
−
∼
+∼
−
∼
10.8
13.2
管理番号(例)
Control No.
品名略号
Type No.
ロット記号(例)
Date code
U3KB 6769
Unit : mm
Weight : 1.42g(typ.)
• Compact-S
IP
• UL E142422
• High Voltage・Large
IFSM
Feature
特 長
UD3KB80
単位
Unit
−55∼150
MAX
1.05
MAX
10
MAX
1.5
MAX
55
MAX
15
℃
℃
V
A
A
A
2s
k
V
N・m
V
μA
℃/W
項  目
Item
記号
Symbol
条 件
Conditions
品 名
Type
 No.
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
電流二乗時間積
Current Squared Time
絶縁耐圧
Dielectric Strength
締め付けトルク
Mounting Torque
順電圧
Forward Voltage
逆電流
Reverse Current
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
I
2t
Vdis
TOR
VF
IR
フィンなし
Without heatsink
フィン付き
With heatsink
一素子当たりの規格値
per diode
接合部・ケース間,フィン付き
Junction to case, With heatsink
接合部・周囲間,フィンなし
Junction to ambient, Without heatsink
接合部・リード間,フィンなし
Junction to lead, Without heatsink
60Hz 正弦波,抵抗負荷
60Hz sine wave,
Resistance load
Ta = 29℃
Tc = 140℃
60Hz 正弦波,非繰り返し1サイクルせん頭値, Tj = 25℃
60Hz sine wave, Non-repetitive 1cycle peak value, Tj = 25
℃
3ms≦t<8.3ms,Tj=25℃,
一括端子・ケース間,AC1分間印加
Terminals to Case, AC 1 minute
(推奨値:0.5 N・m)
(Recommended torque : 0.5 N・m)
150
800
1.2
3.0
90
35
2.0
0.8
IF= 1.5A,
VR= 800V,
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
θjc
θja
θj
l


Similar Part No. - UD3KB80

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD3KB80 MCC-UD3KB80 Datasheet
488Kb / 3P
High surge forward current capability
logo
Zibo Seno Electronic En...
UD3KB80 ZSELEC-UD3KB80 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD3KB80 YFWDIODE-UD3KB80 Datasheet
460Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD3KB80 ZSELEC-UD3KB80 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD3KB80 ASEMI-UD3KB80 Datasheet
155Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - UD3KB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
LL25XB60 SHINDENGEN-LL25XB60 Datasheet
131Kb / 2P
Bridge Diode
logo
Clare, Inc.
CPC7557 CLARE-CPC7557 Datasheet
427Kb / 5P
Diode Bridge
logo
Shindengen Electric Mfg...
D50JCB80V SHINDENGEN-D50JCB80V Datasheet
168Kb / 4P
Bridge Diode
S1NBB80 SHINDENGEN-S1NBB80 Datasheet
335Kb / 4P
Bridge Diode
D6JBB60V SHINDENGEN-D6JBB60V Datasheet
198Kb / 4P
Bridge Diode
D10JBB60V SHINDENGEN-D10JBB60V Datasheet
198Kb / 4P
Bridge Diode
D15XB60H SHINDENGEN-D15XB60H Datasheet
436Kb / 4P
Bridge Diode
D75JFT80V SHINDENGEN-D75JFT80V Datasheet
822Kb / 4P
Bridge Diode
S1NB60 SHINDENGEN-S1NB60_17 Datasheet
304Kb / 4P
Bridge Diode
S1WBA60 SHINDENGEN-S1WBA60_17 Datasheet
328Kb / 4P
Bridge Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com