Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2829
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2829 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2829 Datasheet HTML 12Page - Texas Instruments TPS2829 Datasheet HTML 13Page - Texas Instruments TPS2829 Datasheet HTML 14Page - Texas Instruments TPS2829 Datasheet HTML 15Page - Texas Instruments TPS2829 Datasheet HTML 16Page - Texas Instruments TPS2829 Datasheet HTML 17Page - Texas Instruments TPS2829 Datasheet HTML 18Page - Texas Instruments TPS2829 Datasheet HTML 19Page - Texas Instruments TPS2829 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
SLVS160A – FEBRUARY 1997 – REVISED NOVEMBER 1997
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Bill of Materials
REF DES
PART NO.
DESCRIPTION
MFR
U1
TPS2817DBV
IC, MOSFET driver, single noninverting
TI
U2
TL5001CD
IC, PWM controller
TI
Q1
TPS1110D
MOSFET, p-channel, 6 A, 7 V, 75 m
Ω
TI
C1, C2, C5, C8
Capacitor, ceramic, 0.1
µF, 50 V, X7R, 1206
C3
Capacitor, ceramic, 0.033
µF, 50 V, X7R, 1206
C4
Capacitor, ceramic, 2200 pF, 50 V, X7R, 0805
C6
ECS-T1CY105R
Capacitor, tantalum, 1.0
µF, 16 V, A case
Panasonic
C7
10SC47M
Capacitor, OS-Con, 47
µF, 10 V
Sanyo
C9
Capacitor, ceramic, 1000 pF, 50 V, X7R, 0805
C10, C12
10SA220M
Capacitor, OS-Con, 220
µF, 10 V
Sanyo
C11
Capacitor, ceramic, 0.022
µF, 50 V, X7R, 0805
C13
Capacitor, ceramic, 47
µF, 50 V, X7R
CR1
50WQ03F
Diode, Shottky, D-pak, 5 A 30 V
IR
L1
SML3723
Inductor, 27
µH, +/– 20%, 3 A
Nova Magnetics
R1
Resistor, CF, 47 k
Ω, 1/10 W, 5%, 0805
R2
Resistor, CF, 1.5 k
Ω, 1/10 W, 5%, 0805
R3
Resistor, MF, 30.1 k
Ω, 1/10 W, 1%, 0805
R4
Resistor, MF, 1.00 k
Ω, 1/10 W, 1%, 0805
R5
Resistor, CF, 47
Ω, 1/10 W, 5%, 0805
R6 (3.3-V)
Resistor, MF, 2.32 k
Ω, 1/10 W, 1%, 0805
R6 (2.5-V)
Resistor, MF, 1.50 k
Ω, 1/10 W, 1%, 0805
R7
Resistor, CF, 100
Ω, 1/10 W, 5%, 0805
As shown in Figures 24 and 25, the TPS2817 turns on the TPS1110 power switch in less than 20 ns and off in
25 ns.
2 V/div
2 V/div
12.5 ns/div
Q1 Gate
Q1 Drain
Figure 24. Q1 Turn-On Waveform
2 V/div
2 V/div
12.5 ns/div
Q1 Drain
Q1 Gate
Figure 25. Q1 Turn-Off Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com