Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3510 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3510
Description  PC POWER SUPPLY SUPERVISORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3510 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3510 Datasheet HTML 1Page - Texas Instruments TPS3510 Datasheet HTML 2Page - Texas Instruments TPS3510 Datasheet HTML 3Page - Texas Instruments TPS3510 Datasheet HTML 4Page - Texas Instruments TPS3510 Datasheet HTML 5Page - Texas Instruments TPS3510 Datasheet HTML 6Page - Texas Instruments TPS3510 Datasheet HTML 7Page - Texas Instruments TPS3510 Datasheet HTML 8Page - Texas Instruments TPS3510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPS3510,TPS3511
PC POWER SUPPLY SUPERVISORS
SLVS312A – JULY 2000 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Overvoltage Protection and Lockout for
12 V, 5 V, 3.3 V
D Undervoltage Protection and Lockout for
5 V and 3.3 V
D Fault Protection Output With Open-Drain
Output Stage
D Open-Drain Power Good Output Signal for
Power Good Input, 3.3 V and 5 V
D Power Good Delay; 300-ms TPS3510,
150-ms TPS3511
D 75-ms Delay for 5-V and 3.3-V Power
Supply Short-Circuit Turnon Protection
D 2.3-ms PSON Control to FPO Turnoff Delay
D 38-ms PSON Control Debounce
D 73-µs Width Noise Deglitches
D Wide Supply Voltage Range From 4 V
to 15 V
description
The TPS3510/1 is designed to minimize external components of personal-computer switching power supply
systems. It provides protection circuits, power good indicator, fault protection output (FPO) and PSON control.
Overvoltage protection (OVP) monitors 3.3 V, 5 V, and 12 V (12-V signal detects via VDD pin). Undervoltage
protection (UVP) monitors 3.3 V and 5 V. When an OV or UV condition is detected, the power good output (PGO)
is set to low and FPO is latched high. PSON from low to high resets the protection latch. UVP function is enabled
75 ms after PSON is set low and debounced. Furthermore, there is a 2.3-ms delay (and an additional 38-ms
debounce) at turnoff. There is no delay during turnon.
Power good feature monitors PGI, 3.3 V and 5 V and issues a power good signal when the output is ready.
The TPS3510/1 is characterized for operation from –40
°C to 85°C.
typical application
1
2
3
4
8
7
6
5
PGI
GND
FPO
PSON
PGO
VDD
VS5
VS33
PSON
(From Motherboard)
5 VSB
PGO
0.5 V
Drop
PGI
12 V
VSB
5 V
3.3 V
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
PGI
GND
FPO
PSON
PGO
VDD
VS5
VS33
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TPS3510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI1-TPS3510 Datasheet
529Kb / 18P
PC POWER SUPPLY SUPERVISORS
TPS3510 TI2-TPS3510 Datasheet
570Kb / 20P
PC POWER SUPPLY SUPERVISORS
REVISED DECEMBER 2002
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
PC POWER SUPPLY SUPERVISORS
TPS3510D TI2-TPS3510D Datasheet
570Kb / 20P
PC POWER SUPPLY SUPERVISORS
REVISED DECEMBER 2002
TPS3510D.A TI2-TPS3510D.A Datasheet
570Kb / 20P
PC POWER SUPPLY SUPERVISORS
REVISED DECEMBER 2002
More results

Similar Description - TPS3510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com