Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE1122 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE1122
Description  1A Low Dropout Positive Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1122 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE1122 Datasheet HTML 1Page - Seaward Electronics Inc. SE1122 Datasheet HTML 2Page - Seaward Electronics Inc. SE1122 Datasheet HTML 3Page - Seaward Electronics Inc. SE1122 Datasheet HTML 4Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision 8/3/2007
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007 • www.seawardinc.com • Page 2
Absolute Maximum Rating
Symbol
Parameter
Maximum
Units
VIN
Input Supply Voltage
12
V
θJA
Thermal Resistance Junction to Ambient (SOT-223)
60
°C/W
TJ
Operating Junction Temperature Range
0 to 125
°C
TSTG
Storage Temperature Range
-40 to 150
°C
TLEAD
Lead Temperature (Soldering 10 Sec)
260
°C
Electrical Characteristic
VIN =2.8V, IOUT = 10mA, CIN = 10µF, COUT = 10µF, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VO
Output Voltage
(1)
1.176
1.2
1.224
V
VSR
Line Regulation
(1)
2.8V < VIN < 12V
--
0.3
--
%
VLR
Load Regulation
(1)
10mA ≤ IOUT ≤ 1A
--
0.5
--
%
Iq
Quiescent Current
1.2
mA
VD
Dropout Voltage
(2)
IOUT = 1A
--
1.3
--
V
ICL
Current Limit
1.1
--
--
A
TC
Temperature Coefficient
--
0.02
--
%/°C
OTP
Thermal Protection
--
175
--
°C
VN
RMS Output Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
--
0.003
--
%VO
RA
Ripple Rejection Ratio
f = 120Hz,
COUT = 22μF (Tantalum),
(VIN - VOUT) = 3V, IOUT = 10mA
--
57
--
dB
Notes:
1. Low duty cycle pulse testing with which TJ remains unchanged.
3. The dropout voltage is the input/output differential at which the circuit ceases to regulate against further
reduction in input voltage. It is measured when the output voltage has dropped 2% from the nominal value
obtained at VIN = VOUT +Vdropout.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com