Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PO3VT3305ATR Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO3VT3305ATR
Description  High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3VT3305ATR Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO3VT3305ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3VT3305ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3VT3305ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3VT3305ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3VT3305ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO3VT3305ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +Vcc
DC Output Current................................................................... 120mA
Power Dissipation ....................................................................... 0.5W
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics, 3.3V Supply
(Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions
Min.
Typ.
Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ Y, In ≤ VCC
±1
RON
Switch On-Resistance
VCC = Min., VIN = 0.0V, ION = -8 mA
10
14
Ω
VCC = 2.3V, VIN = 0.0V, ION = -8 mA
11
15
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Copyright © Potato Semiconductor Corporation
2
Vp
Pass Voltage
VIN = VCC = 3.3V, IOUT = -5µA
2.1
2.2
2.7
V
VIN = VCC = 2.5V, IOUT = -5µA
1.6
12/26/08
High-Bandwidth, Hot-Insertion,
2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3305A
High Bandwidth Potato Chip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com