Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PO3VT3306ATR Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO3VT3306ATR
Description  High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3VT3306ATR Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO3VT3306ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © Potato Semiconductor Corporation
4
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Test Circuit for Electrical Characteristics
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Switching Waveforms
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Propogation Delay
Bus Enable Time
Bus Disable Time
02/04/08
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port,
Low Voltage Translator Bus Switch
PO3VT3306A
High Bandwidth Potato Chip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com