Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5102
Description  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS5102 Datasheet HTML 17Page - Texas Instruments TPS5102 Datasheet HTML 18Page - Texas Instruments TPS5102 Datasheet HTML 19Page - Texas Instruments TPS5102 Datasheet HTML 20Page - Texas Instruments TPS5102 Datasheet HTML 21Page - Texas Instruments TPS5102 Datasheet HTML 22Page - Texas Instruments TPS5102 Datasheet HTML 23Page - Texas Instruments TPS5102 Datasheet HTML 24Page - Texas Instruments TPS5102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
synchronization (continued)
Ct
Rt
TPS5102
An external resistor is added into the circuit, but Rt is still removed. Ct is kept to be a part of RC circuit generating
triangle waveform for the controller. Assuming the peak value of the square is known, the resistor and the
capacitor can be adjusted to achieve the correct peak-to-peak value and the offset value.
layout guidelines
Good power supply results will only occur when care is given to proper design and layout. Layout will affect noise
pickup and generation and can cause a good design to perform with less than expected results. With a range
of currents from milliamps to tens or even hundreds of amps, good power supply layout is much more difficult
than most general PCB designs. The general design should proceed from the switching node to the output,
then back to the driver section and, finally, parallel the low-level components. Below are several specific points
to consider
before the layout of a TPS5102 design begins.
D All sensitive analog components should be referenced to ANAGND. These include components connected
to Vref5, Vref, INV, LH, and COMP.
D Analog ground and drive ground should be isolated as much as possible. Ideally, analog ground will connect
to the ground side of the bulk storage capacitors on VO, and drive ground will connect to the main ground
plane close to the source of the low-side FET.
D Connections from the drivers to the gate of the power FETs should be as short and wide as possible to
reduce stray inductance. This becomes more critical if external gate resistors are not being used.
D The bypass capacitor for VCC should be placed close to the TPS5102.
D When configuring the high-side driver as a floating driver, the connection from LL to the power FETs should
be as short and as wide as possible.
D When configuring the high-side driver as a floating driver, the bootstrap capacitor (connected from LH to
LL) should be placed close to the TPS5102.
D When configuring the high-side driver as a ground-referenced driver, LL should be connected to DRVGND.
D The bulk storage capacitors across VIn should be placed close to the power FETS. High-frequency bypass
capacitors should be placed in parallel with the bulk capacitors and connected close to the drain of the
high-side FET and to the source of the low-side FET.
D High-frequency bypass capacitors should be placed across the bulk storage capacitors on VO.
D LH and LL should be connected very close to the drain and source, respectively, of the high-side FET. LH
and LL should be routed very close to each other to minimize differential-mode noise coupling to these
traces.
D The output voltage sensing trace should be isolated by either ground trace or Vcc trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com