Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5210 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5210
Description  PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5210 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5210 Datasheet HTML 1Page - Texas Instruments TPS5210 Datasheet HTML 2Page - Texas Instruments TPS5210 Datasheet HTML 3Page - Texas Instruments TPS5210 Datasheet HTML 4Page - Texas Instruments TPS5210 Datasheet HTML 5Page - Texas Instruments TPS5210 Datasheet HTML 6Page - Texas Instruments TPS5210 Datasheet HTML 7Page - Texas Instruments TPS5210 Datasheet HTML 8Page - Texas Instruments TPS5210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS5210
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
SLVS171A – SEPTEMBER 1998 – REVISED MAY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ±1% Reference Over Full Operating
Temperature Range
D Synchronous Rectifier Driver for Greater
Than 90% Efficiency
D Programmable Reference Voltage Range of
1.3 V to 3.5 V
D User–Selectable Hysteretic Type Control
D Droop Compensation for Improved Load
Transient Regulation
D Adjustable Overcurrent Protection
D Programmable Softstart
D Overvoltage Protection
D Active Deadtime Control
D Power Good Output
D Internal Bootstrap Schottky Diode
D Low Supply Current... 3-mA Typ
description
The TPS5210 is a synchronous-buck regulator controller which provides an accurate, programmable supply
voltage to microprocessors. An internal 5-bit DAC is used to program the reference voltage to within a range
of 1.3 V to 3.5 V. The output voltage can be set to be equal to the reference voltage or to some multiple of the
reference voltage. A hysteretic controller with user-selectable hysteresis and programmable droop
compensation is used to dramatically reduce overshoot and undershoot caused by load transients. Propagation
delay from the comparator inputs to the output drivers is less than 250 ns. Overcurrent shutdown and crossover
protection for the output drivers combine to eliminate destructive faults in the output FETs. The softstart current
source is proportional to the reference voltage, thereby eliminating variation of the softstart timing when
changes are made to the output voltage. PWRGD monitors the output voltage and pulls the open-collector
output low when the output drops 7% below the nominal output voltage. An overvoltage circuit disables the
output drivers if the output voltage rises 15% above the nominal value. The inhibit pin can be used to control
power sequencing. Inhibit and undervoltage lockout assures the 12-V supply voltage and system supply voltage
(5 V or 3.3 V) are within proper operating limits before the controller starts. Single-supply (12 V) operation is
easily accomplished using a low-current divider for the required 5-V signals. The output driver circuits include
2-A drivers with internal 8-V gate-voltage regulators. The high-side driver can be configured either as a
ground-referenced driver or as a floating bootstrap driver. The TPS5210 is available in a 28-pin SOIC package
and a 28-pin TSSOP PowerPAD
™ package. It operates over a junction temperature range of 0°C to 125°C.
AVAILABLE OPTIONS
PACKAGES
TJ
SOIC
(DW)
TSSOP
(PWP)
0
°C to 125°C
TPS5210DW
TPS5210PWPR
The DW package is available taped and reeled. Add R suffix to device
type (e.g., TPS5210DWR).
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
IOUT
DROOP
OCP
VHYST
VREFB
VSENSE
ANAGND
SLOWST
BIAS
LODRV
LOHIB
DRVGND
LOWDR
DRV
PWRGD
VID0
VID1
VID2
VID3
VID4
INHIBIT
IOUTLO
LOSENSE
HISENSE
BOOTLO
HIGHDR
BOOT
VCC
DW OR PWP PACKAGE
(TOP VIEW)


Similar Part No. - TPS5210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI1-TPS5210 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI1-TPS5210PWP Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWPR TI1-TPS5210PWPR Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5210

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
5-Bit Programmable Synchronous Buck Regulator Controller
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
Dual Synchronous Buck Regulator Controller
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com