Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3196 Datasheet(PDF) 9 Page - ASM GmbH

Part # 3196
Description  POWER QUALITY ANALYZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3196 Datasheet(HTML) 9 Page - ASM GmbH

Back Button 3196 Datasheet HTML 4Page - ASM GmbH 3196 Datasheet HTML 5Page - ASM GmbH 3196 Datasheet HTML 6Page - ASM GmbH 3196 Datasheet HTML 7Page - ASM GmbH 3196 Datasheet HTML 8Page - ASM GmbH 3196 Datasheet HTML 9Page - ASM GmbH 3196 Datasheet HTML 10Page - ASM GmbH 3196 Datasheet HTML 11Page - ASM GmbH 3196 Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
■
Integral power consumption analysis and demand analysis screens
These screens allow you to calculate measurement data and display it in the integral power consumption graph or demand graph.
(Use them to display the maximum demand, average demand, and load ratio values.) Further, you can confirm the power data for a specific interval
using the cursor function.
■
Print function
Print a hard copy of the event list screen, event data screen, ∆V10 screen,
integral power consumption screen, or demand screen, one at a time.
In the TIME PLOT screen, you can collect all of the screens that are
currently open and print them on a single sheet.
Quickly print reports and apply data
■
CSV format conversion function
Convert data displayed in the TIME PLOT or event
waveform screen into CSV format. Converted data can
be used with spreadsheet software on your PC.
Analyze power consumption and demand using acquired data
Cursor
measurement
General power
consumption is
displayed.
Convenient Feature
Specify a range using the A and B cursors, and convert the data
within that range into CSV format.
The interval between the A and B cursors is displayed in red.
A
B
Print example: TIME PLOT screen (U-THD RMS fluctuation) printed on A4 paper
Print example: Event waveform screen printed on A4 paper
■
Downloading from LAN
Data (BINARY/TEXT/BMP) recorded on a PC card or the internal memory of the 3196 can be downloaded via LAN to a personal
computer. (*This can be done without use of the freeware Down96. Measurement on the 3196 must be halted during download.)
■
Report generation function
Choose from 3 types of report generation settings to take care of all the troublesome reporting operations, and either send the data to a
printer or save as a Rich Text file. (Automatic: Output basic items. Individual setting: Select any item for output. Detailed setting: Specify a time-
series graph in details for output.)
■
Positive phase, negative phase, and zero phase function
Recalculate event data captured by 3P4W circuits, and display each component of the voltage/current of the positive phase, negative
phase, and zero phase.
■
Model 9624-10 can be used only in conjunction with a hardware license key.
Please select either USB or Parallel license key when ordering.
■
ITIC curve display function
Make ITIC (CBEMA) curve analyses (limit curve) based
on the power quality control standards of the U.S.A.
■
EN50160 display functions
(applicable standard is EN50160:1999)
Effectively evaluate and analyze the quality of power according
to EU standards.
9624-10 PQA-HiVIEW PRO (Advanced functions added to the standard Model 9624)
✻
Change the upper or
lower limit of the curve
as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com