Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3390 Datasheet(PDF) 9 Page - ASM GmbH

Part # 3390
Description  POWER ANALYZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3390 Datasheet(HTML) 9 Page - ASM GmbH

Back Button 3390 Datasheet HTML 5Page - ASM GmbH 3390 Datasheet HTML 6Page - ASM GmbH 3390 Datasheet HTML 7Page - ASM GmbH 3390 Datasheet HTML 8Page - ASM GmbH 3390 Datasheet HTML 9Page - ASM GmbH 3390 Datasheet HTML 10Page - ASM GmbH 3390 Datasheet HTML 11Page - ASM GmbH 3390 Datasheet HTML 12Page - ASM GmbH 3390 Datasheet HTML 13Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
99
• Analyze up to the 100th order
Synchronized to the fundamental wave frequency of 0.5 Hz to 5 kHz
Simultaneously perform analysis up to the 100th order harmonic
along with power measurement
Synchronization frequency range Window wave number
Analysis order
0.5Hz to 40Hz
1
100th order
40Hz to 80Hz
1
100th order
80Hz to 160Hz
2
80th order
160Hz to 320Hz
4
40th order
320Hz to 640Hz
8
20th order
640Hz to 1.2kHz
16
10th order
1.2kHz to 2.5kHz
32
5th order
2.5kHz to 5.0kHz
64
3rd order
■
Application 2: Electrical angle measurement using induced voltage of motors (The same measurements conducted with the HIOKI 3194 can also be performed)
Correct the rotation synchronization signal and induced voltage phase of motors as well as measure the phase of voltage and current for the induced voltage of a running motor as
an electrical angle.
Step 1: Turn the motor from the load side, and measure the induced voltage of the motor
Step 2: Measurement of a running motor
○ Measure the fundamental wave’s RMS value
and the total RMS value of the induced voltage.
○ Perform zero compensation for the phase
between the rotation synchronization signal and
the fundamental wave voltage of the induced
voltage.
○ Measure the fundamental wave component, harmonic component, and electrical angle of line voltage
and current of a line to the motor. (ThemeasureddatacanalsobeusedasparametersforcalculationofLp/Lq)
○ Simultaneously measure motor efficiency, inverter efficiency, total efficiency, and inverter loss while
observing the motor control.
Other Advance Functionsmotor
• Frequency divider circuit (up to 1/60000 frequency dividing) – helpful when the rotation synchronization
signal consists of multiple pulses for one cycle of induced voltage.
• Δ-to-Yconversation function - convert the line voltage to a phase voltage (virtual neutral reference) when
three-phase three-wire (3P3W3M connection) measurements are performed.
To measure temperature, use:
1. HIOKI 3440 Series Temperature HiTESTER
2. Interface Pack 3909
3. RS-232C Cable 9637
• Harmonic analysis from a synchronization frequency of 0.5 Hz
Accurate measurements can be performed in the low-speed rotation
range of motors without the need of an external clock.
If the synchronization frequency is 45 Hz or more, analysis results are
updated every 50 ms, so data analysis can be performed in real time.
Clearly view the inverter efficiency/loss and motor power
• Output, efficiency, and loss of inverter motors can be measured with
one single unit
Operating efficiency and power loss of the inverter and motor can be displayed
when the inputs and outputs of the inverter are measured simultaneously.
4
X-Ygraph display lets you check the dynamic characteristics of inverters
• X-Y graph display function built-in (X-axis: 1 item, Y-axis: 2 items)
By simply setting 2 items to the Y-axis as with a 6-axis graph used to evaluate motors,
you can display the characteristics of a motor and similar devices in real time.
5
Temperature data that is indispensable for motor evaluation
can also be measured simultaneously
• Connect the HIOKI 3440 Series Temperature HiTESTER to measure changes in the motor
temperature and acquire data as parameters for motor evaluation
Connect the HIOKI 3440 Series Temperature HiTESTER to the 3390 (via the
RS-232C interface)
to acquire data while displaying the temperature.
6
Motor
Perform harmonic analysis from the low-speed rotation range of motors
2
Vector display of electrical angles of motors
• Display vectors including that of the phase angle and electrical angle
( θ) of fundamental wave voltage and current. The measured data can
be used as parameters to calculate the Ld and Lq values.
3
Load/
motor
Motor
Induced voltage
Rotation synchronization
signal
Motor
Torque
sensor
Load/
motor
Inverter
DC power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com