Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDCS03004 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PDCS03004
Description  3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS03004 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PDCS03004 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCS03004 Datasheet HTML 2Page - Premier Magnetics, Inc. PDCS03004 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
PDCx0300x
12/00
3.0 WATT 2:1WIDE INPUT RANGE
DC/DC POWER MODULES
(Rectangle Package)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-25OC TO +75OC
PART
NUMBER
OUTPUT
VOLTAGE
(Vdc)
INPUT
CURRENT
NO LOAD
FULL LOAD
mA
mA
INPUT VOLTAGE
NOMINAL
RANGE
TYPICAL
EFFICIENCY
PDCS03001
5
4.5-6.0
3.3
600
15
650
61 %
PDCS03002
5
4.5-6.0
5
600
15
850
70 %
PDCS03003
5
4.5-6.0
12
250
15
800
75 %
PDCS03004
5
4.5-6.0
15
200
15
800
75 %
PDCD03002
5
4.5-6.0
±5
±300
25
850
70 %
PDCD03003
5
4.5-6.0
±12
±125
25
800
75 %
PDCD03004
5
4.5-6.0
±15
±100
25
800
75 %
PDCS03005
12
9-18
3.3
600
7.5
254
65 %
PDCS03006
12
9-18
5
600
7.5
340
73 %
PDCS03007
12
9-18
12
250
7.5
320
78 %
PDCS03008
12
9-18
15
200
7.5
320
78 %
PDCD03006
12
9-18
±5
±300
12
340
73 %
PDCD03007
12
9-18
±12
±125
12
320
78 %
PDCD03008
12
9-18
±15
±100
12
320
78 %
PDCS03009
24
18-36
3.3
600
5
125
66 %
PDCS03010
24
18-36
5
600
5
168
74 %
PDCS03011
24
18-36
12
250
5
156
80 %
PDCS03012
24
18-36
15
200
5
156
80 %
PDCD03010
24
18-36
±5
±300
7.5
168
74 %
PDCD03011
24
18-36
±12
±125
7.5
156
80 %
PDCD03012
24
18-36
±15
±100
7.5
156
80 %
PDCS03013
48
36-72
3.3
600
3
61
68 %
PDCS03014
48
36-72
5
600
2
82
76 %
PDCS03015
48
36-72
12
250
2
78
80 %
PDCS03016
48
36-72
15
200
2
78
80 %
PDCD03014
48
36-72
±5
±300
3
82
76 %
PDCD03015
48
36-72
±12
±125
3
80
78 %
PDCD03016
48
36-72
±15
±100
3
80
78 %
OUTPUT
CURRENT
(mAdc)
NOTE:
PDCx030xx_ : BLANK FOR STANDARD PART WITH ISOLATION = 500VDC
PDCx030xxK : ADD "K" FOR PART WITH ISOLATION = 1500VDC
PDCx030xxQ : ADD "Q" FOR PART WITH ISOLATION = 3000VDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com