Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDCS03029 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PDCS03029
Description  3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS03029 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PDCS03029 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCS03029 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
PDCx0302x 12/00
3.0 WATT 2:1WIDE INPUT RANGE
DC/DC POWER MODULES
With Remote On/Off Option (Rectangle Package)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -25OC TO +75OC
PART
NUMBER
(NOTE #1)
OUTPUT
VOLTAGE
(Vdc)
INPUT
CURRENT
NO LOAD
FULL LOAD
mA
mA
INPUT VOLTAGE
NOMINAL
RANGE
TYPICAL
EFFICIENCY
PDCS03021
B5AS1203NX
12
9-18
3.3
600
7.5
226
73 %
PDCS03022
B5AS1205NX
12
9-18
5
600
7.5
340
73 %
PDCS03023
B5AS1212NX
12
9-18
12
250
7.5
320
78 %
PDCS03024
B5AS1215NX
12
9-18
15
200
7.5
330
76 %
PDCD03022
B5AD1205NX
12
9-18
±5
±300
12
340
73 %
PDCD03023
B5AD1212NX
12
9-18
±12
±125
12
330
76 %
PDCD03024
B5AD1215NX
12
9-18
±15
±100
12
330
75 %
PDCS03025
B5AS2403NX
24
18-36
3.3
600
5
113
73 %
PDCS03026
B5AS2405NX
24
18-36
5
600
5
168
74 %
PDCS03027
B5AS2412NX
24
18-36
12
250
5
156
80 %
PDCS03028
B5AS2415NX
24
18-36
15
200
5
156
80 %
PDCD03026
B5AD2405NX
24
18-36
±5
±300
7.5
168
74 %
PDCD03027
B5AD2412NX
24
18-36
±12
±125
7.5
156
80 %
PDCD03028
B5AD2415NX
24
18-36
±15
±100
7.5
160
80 %
PDCS03029
B5AS4803NX
48
36-72
3.3
600
3
55
76 %
PDCS03030
B5AS4805NX
48
36-72
5
600
2
82
76 %
PDCS03031
B5AS4812NX
48
36-72
12
250
2
82
77 %
PDCS03032
B5AS4815NX
48
36-72
15
200
2
82
77 %
PDCD03030
B5AD4805NX
48
36-72
±5
±300
3
82
76 %
PDCD03031
B5AD4812NX
48
36-72
±12
±125
3
82
76 %
PDCD03032
B5AD4815NX
48
36-72
±15
±100
3
82
76 %
OUTPUT
CURRENT
(mAdc)
NOTE #1:
PDCx030xx_ : BLANK FOR STANDARD PART WITH ISOLATION = 500VDC
PDCx030xxK : ADD "K" FOR PART WITH ISOLATION = 1500VDC
PDCx030xxQ : ADD "Q" FOR PART WITH ISOLATION = 3000VDC
PDCx030xxR : ADD "R" FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF
Previous
Premier Magnetic
Part # (NOTE #2)
NOTE #2: (FOR PREVIOUS PREMIER MAGNETICS PART #)
B5AXXXXXNX : FOR STANDARD PART WITH ISOLATION = 500VDC
B5AXXXXXNM : FOR PART WITH ISOLATION = 1500VDC
B5AXXXXXNT : FOR PART WITH ISOLATION = 3000VDC
B5AXXXXXYT : FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com