Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDCS06033 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PDCS06033
Description  5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS06033 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PDCS06033 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCS06033 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
PDCx0603x 01/01
5-6 WATT 2:1 WIDE INPUT RANGE
DC/DC POWER MODULES
Remote ON/OFF Option (Rectangle Package)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -25OC TO +75OC
PART
NUMBER
(Note #1)
OUTPUT
VOLTAGE
(Vdc)
INPUT
CURRENT
NO LOAD
FULL LOAD
mA
mA
INPUT VOLTAGE
NOMINAL
RANGE
TYPICAL
EFFICIENCY
PDCS06031
E2AS1203NX
12
9-18
3.3
1000
7.5
405
68 %
PDCS06032
E2AS1205NX
12
9-18
5
1000
7.5
545
76 %
PDCS06033
E2AS1212NX
12
9-18
12
470
7.5
585
80 %
PDCS06034
E2AS1215NX
12
9-18
15
400
7.5
625
80 %
PDCD06032
E2AD1205NX
12
9-18
±5
±500
12
545
76 %
PDCD06033
E2AD1212NX
12
9-18
±12
±230
12
575
80 %
PDCD06034
E2AD1215NX
12
9-18
±15
±190
12
590
80 %
PDCS06041
E2AS2403NX
24
18-36
3.3
1000
5
195
70 %
PDCS06042
E2AS2405NX
24
18-36
5
1000
5
265
78 %
PDCS06043
E2AS2412NX
24
18-36
12
470
5
285
82 %
PDCS06044
E2AS2415NX
24
18-36
15
400
5
305
82 %
PDCD06042
E2AD2405NX
24
18-36
±5
±500
7.5
265
78 %
PDCD06043
E2AD2412NX
24
18-36
±12
±230
7.5
285
81 %
PDCD06044
E2AD2415NX
24
18-36
±15
±190
7.5
295
81 %
PDCS06051
E2AS4803NX
48
36-72
3.3
1000
2
98
70 %
PDCS06052
E2AS4805NX
48
36-72
5
1000
2
133
78 %
PDCS06053
E2AS4812NX
48
36-72
12
470
2
145
81 %
PDCS06054
E2AS4815NX
48
36-72
15
400
2
154
81 %
PDCD06052
E2AD4805NX
48
36-72
±5
±500
3
265
78 %
PDCD06053
E2AD4812NX
48
36-72
±12
±230
3
142
81 %
PDCD06054
E2AD4815NX
48
36-72
±15
±190
3
147
81 %
OUTPUT
CURRENT
(mAdc)
NOTE #1:
PDCx06xxx_ : FOR STANDARD PART WITH ISOLATION = 500VDC
PDCx06xxxK : ADD "K" FOR PART WITH ISOLATION = 1500VDC
PDCx06xxxQ : ADD "Q" FOR PART WITH ISOLATION = 3000VDC
PDCx06xxxR : ADD "R" FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF
Premier Magnetics
Old Part #
(Note #2)
NOTE #2: (FOR PREMIER MAGNETICS OLD PART #)
E2AXXXXXNX : FOR STANDARD PART WITH ISOLATION = 500VDC
E2AXXXXXNM : FOR PART WITH ISOLATION = 1500VDC
E2AXXXXXNT : FOR PART WITH ISOLATION = 3000VDC
E2AXXXXXTR : FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com