Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWS Datasheet(PDF) 1 Page - ASM GmbH

Part # AWS
Description  Angle sensor with analog output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

AWS Datasheet(HTML) 1 Page - ASM GmbH

  AWS Datasheet HTML 1Page - ASM GmbH AWS Datasheet HTML 2Page - ASM GmbH AWS Datasheet HTML 3Page - ASM GmbH AWS Datasheet HTML 4Page - ASM GmbH AWS Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54
CAT-WS-E-05
ASM
www.asm-sensor.com
Analog Angle Sensor
· Protection class IP67
· Measurement ranges:
345° / 180° / 90°, continuous rotation
· Sensing device: precision potentiometer
· Analog output0…10V,4…20mA, potentiometer
AWS
Angle sensor with analog output
Specifications
Outputs
Potentiometer: 1 k
W
Voltage:0…10V
Current:4…20mA,2or3 wire
Voltage and current output, adjustable
Resolution
Essentially infinite
Material
Aluminium and Stainless Steel
Sensing Device
Precision Potentiometer
Connector
Male Socket 8 pin DIN 45326
Linearity
±0.10 %; ±0.20 % for 90°
Repeatability
±0.0020 % (equivalent to 0.008°)
Rotating Direction
Clockwise (for increasing output signal)
Revolutions
10000 r.p.m. max.
Torque
1 Ncm
Life Time
100x10
6 Revolutions (£1500 r.p.m.)
Protection Class (DIN 40050)
IP67 (only when the electrical plug is correctly
assembled and connected)
Weight
450 g approx.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Order Code AWSX
Model Name
AWS1 = Angle sensor with servo flange
AWS2 = Angle sensor with square flange
Measurement Range
345° / 180° / 90°
Outputs
R1K
= Potentiometer 1 k
W (only for 345° range)
10V
= 0 ... 10 V signal conditioner
420A
= 4 ... 20 mA signal conditioner (2 wire)
420T
= 4 ... 20 mA signal conditioner (3 wire)
PMU
=0…10V/4…20mA signal conditioner, 345° range, adjustable to 45°
Order Example: AWS1 - 345 - 420T
AWSX
Order Code Mounting Clamps (set of 3 pieces, for AWS1)
WS-EXZENTER
Order Code Mating Connector (see accessories page 82)
CONN-DIN-8F-W


Similar Part No. - AWS

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
AWS-0101 QORVO-AWS-0101 Datasheet
542Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0101-DK QORVO-AWS-0101-DK Datasheet
542Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0101-DL QORVO-AWS-0101-DL Datasheet
542Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0103 QORVO-AWS-0103 Datasheet
617Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
AWS-0103-DK QORVO-AWS-0103-DK Datasheet
617Kb / 3P
X-Band Silicon RADAR Quad Core IC
Rev. 3
More results

Similar Description - AWS

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
Programmable Angle Sensor IC with Analog and PWM Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com