Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDCS06021 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PDCS06021
Description  5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS06021 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PDCS06021 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCS06021 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PDCx0600x 02/01
5-6 WATT 2:1 WIDE INPUT RANGE
DC/DC POWER MODULES
(Rectangle Package)
FEATURES
!
5.0 to 6.0 Watt Isolated Output
"
2:1 Wide Input Range
#
High Conversion Efficiency
$
Continuous Short Circuit Protection
GENERAL SPECIFICATIONS
%
Efficiency ........................................ Per Table
%
Switching Frequency ............... 100KHz Min.
%
Isolation Voltage: .................... 500 Vdc Min.
%
Operating Temperature ........ -25 to +75OC
Derate Linearly to no load @ 100OC max.
%
Case Material:
500Vdc.......Non-Conductive Black Plastic
1.5kVdc & 3kVdc.....Black coated copper
with non-conductive base
INPUT SPECIFICATIONS
%
Voltage ....................................12, 24, 48 Vdc
%
Voltage Range .........9-18, 18-36 & 36-72Vdc
%
Input Filter ........................................... Pi Type
OUTPUT SPECIFICATIONS
%
Voltage ........................................... Per Table
%
Initial Voltage Accuracy ................ ±2% Max
%
Voltage Stability ......................... ±0.05% max
%
Ripple & Noise .................... 100/150mV p-p
%
Load Regulation (10 to 100% Load)
Single Output Units:
±0.5%
Dual Output Units:
±1.0%
%
Line Regulation ........................... ±0.5% typ.
%
Temp Coefficient ...................... ±0.05% /OC
%
Short Circuit Protection ........... Continuous
PACKAGE
PIN ASSIGNMENTS
PHYSICAL DIMENSIONS
DIMENSIONS IN inches (mm)
PIN
#
SINGLE
OUTPUT
1
+ INPUT
+INPUT
1
NP
NP
2
NC
-OUTPUT
2
-INPUT
-INPUT
3
NC
COMMON 3
-INPUT
-INPUT
9
NP
NP
9
NC
COMMON
10
-OUTPUT
COMMON 10
NC
NC
11
+OUTPUT
+OUTPUT
11
NC
-OUTPUT
12
-INPUT
-INPUT
12
NP
NP
13
-INPUT
-INPUT
13
NP
NP
14
+OUTPUT
+OUTPUT
14
+OUTPUT
+OUTPUT
15
-OUTPUT
COMMON 15
NC
NC
16
NP
NP
16
-OUTPUT
COMMON
22
NC
COMMON 22
+INPUT
+INPUT
23
NC
-OUTPUT
23
+INPUT
+INPUT
24
+INPUT
+INPUT
24
NP
NP
DUAL
OUTPUTS
PIN
#
SINGLE
OUTPUT
DUAL
OUTPUTS
500VDC
1500VDC & 3000VDC
.60
(15.24)
1.25
(31.8)
.80
(20.3)
.08
(2.0)
.10
(2.5)
.50
(12.7)
.15
(3.8)
1 2 3
9 10 11 12
24 23 22
16 15 14 13
P
M
PDCx06xxxx
YYWW
Note:
Pin size is 0.02" Inch (0.5mm) DIA or 0.02x0.014 Inch
*NP-NO PIN
*NC-NO CONNECTION WITH PIN


Similar Part No. - PDCS06021

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS06031 PMI-PDCS06031 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06032 PMI-PDCS06032 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06033 PMI-PDCS06033 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06034 PMI-PDCS06034 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06041 PMI-PDCS06041 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
More results

Similar Description - PDCS06021

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS03051 PMI-PDCS03051 Datasheet
33Kb / 1P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES Extended Temperature (Rectangle Package)
PDCS06031 PMI-PDCS06031 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06061Q PMI-PDCS06061Q Datasheet
28Kb / 2P
5-6 WATT 4:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06131 PMI-PDCS06131 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06161 PMI-PDCS06161 Datasheet
27Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
logo
List of Unclassifed Man...
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4A CINCON-EC4A Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com