Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP-2012 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PLP-2012
Description  LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PLP-2012 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PLP-2012 Datasheet HTML 1Page - Premier Magnetics, Inc. PLP-2012 Datasheet HTML 2Page - Premier Magnetics, Inc. PLP-2012 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
plp 4/97
LOW PROFILE DUAL
BOBBIN HIGH ISOLATION
POWER TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -25OC TO +80OC
!
Low Height, Ideal for P.C.B. Applications
"
115/230V, 50/60Hz Dual Primaries
#
Dual Secondaries May Be Series -OR- Parallel Connected
$
Split Bobbin Construction
%
Construction Minimizes Radiated Magnetic Fields
&
1500Vrms Isolation (Hi-Pot)
SCHEMATIC
APPLICATION
PART
NUMBER
SIZE
(VA)
SECONDARY RMS RATINGS
SERIES
PARALLEL
115/230V
PLP-102
2.5
10V C.T. @ 250mA
5V @ 500mA
PLP-106
6.0
10V C.T. @ 600mA
5V @ 1.2A
PLP-1012 12.0
10V C.T. @ 1200mA
5V @ 2.4A
PLP-122
2.5
12.6V C.T. @ 200mA
6.3V @ 400mA
PLP-126
6.0
12.6V C.T. @ 450mA
6.3V @ 900mA
PLP-1212 12.0
12.6V C.T. @ 900mA
6.3V @ 1.8A
PLP-162
2.5
16V C.T. @ 150mA
8V @ 300mA
PLP-166
6.0
16V C.T. @ 350mA
8V @ 700mA
PLP-1612 12.0
16V C.T. @ 700mA
8V @ 1.4A
PLP-202
2.5
20V C.T. @ 125mA
10V @ 250mA
PLP-206
6.0
20V C.T. @ 300mA
10V @ 600mA
PLP-2012 12.0
20V C.T. @ 600mA
10V @ 1.2A
PLP-242
2.5
24V C.T. @ 100mA
12V @ 200mA
PLP-246
6.0
24V C.T. @ 250mA
12V @ 500mA
PLP-2412 12.0
24V C.T. @ 500mA
12V @ 1.0A
PLP-302
2.5
30V C.T. @ 85mA
15V @ 170mA
PLP-306
6.0
30V C.T. @ 200mA
15V @ 400mA
PLP-3012 12.0
30V C.T. @ 400mA
15V @ 800mA
PLP-342
2.5
34V C.T. @ 75mA
17V @ 150mA
PLP-346
6.0
34V C.T. @ 170mA
17V @ 340mA
PLP-3412 12.0
34V C.T. @ 340mA
17V @ 680mA
PLP-402
2.5
40V C.T. @ 60mA
20V @ 120mA
PLP-406
6.0
40V C.T. @ 150mA
20V @ 300mA
PLP-4012 12.0
40V C.T. @ 300mA
20V @ 600mA
PLP-562
2.5
56V C.T. @ 45mA
28V @ 90mA
PLP-566
6.0
56V C.T. @ 100mA
28V @ 200mA
PLP-5612 12.0
56V C.T. @ 200mA
28V @ 400mA
PLP-882
2.5
88V C.T. @ 28mA
44V @ 56mA
PLP-886
6.0
88V C.T. @ 65mA
44V @ 130mA
PLP-8812 12.0
88V C.T. @ 130mA
44V @ 260mA
PLP-SERIES 5-SIZES:
2.5VA -
0.650" HIGH
6.0VA -
0.850" HIGH
12.0VA -
1.065" HIGH
24.0VA -
1.250" HIGH
48.0VA -
1.375" HIGH
SECONDARIES:
Connected series or parallel
PRIMARIES:
Series for 230V - 50/60Hz
Parallel for 115V - 50/60Hz
INDICATES POLARITY
1
SEC #1
SEC #2
2
5
6
8
7
4
3
PRIMARY #2
115V 50/60Hz
PRIMARY #1
115V 50/60Hz
Note: Primary and Secondary windings are
designed to be used as one primary & one
secondary winding. That is, they must each
be used simultaneously either parallel or
series connected.
SPLIT BOBBIN:
Provides high isolation and low
capacitive couping which minimizes
line noise.
REGULATION:
2.5VA -
30%
6.0VA -
30%
12.0VA -
20%
24.0VA -
15%
48.0VA -
15%
PART
NUMBER
SIZE
(VA)
SECONDARY RMS RATINGS
SERIES
PARALLEL
115/230V
PLP-1024
24.0
10V C.T. @ 2.40A
5V @ 4.80A
PLP-1048
48.0
10V C.T. @ 4.80A
5V @ 9.60A
PLP-1224
24.0 12.6V C.T. @ 1.90A
6.3V @ 3.80A
PLP-1248
48.0 12.6V C.T. @ 3.80A
6.3V @ 7.60A
PLP-1624
24.0
16V C.T. @ 1.50A
8V @ 3.00A
PLP-1648
48.0
16V C.T. @ 3.00A
8V @ 6.00A
PLP-2024
24.0
20V C.T. @ 1.20A
10V @ 2.40A
PLP-2048
48.0
20V C.T. @ 2.40A
10V @ 4.80A
PLP-2424
24.0
24V C.T. @ 1.00A
12V @ 2.00A
PLP-2448
48.0
24V C.T. @ 2.00A
12V @ 4.00A
PLP-3024
24.0
30V C.T. @ 0.80A
15V @ 1.60A
PLP-3048
48.0
30V C.T. @ 1.60A
15V @ 3.20A
PLP-3424
24.0
34V C.T. @ 0.70A
17V @ 1.40A
PLP-3448
48.0
34V C.T. @ 1.40A
17V @ 2.80A
PLP-4024
24.0
40V C.T. @ 0.60A
20V @ 1.20A
PLP-4048
48.0
40V C.T. @ 1.20A
20V @ 2.40A
PLP-5624
24.0
56V C.T. @ 0.425A
28V @ 0.850A
PLP-5648
48.0
56V C.T. @ 0.850A
28V @ 1.70A
PLP-8824
24.0
88V C.T. @ 0.270A
44V @ 0.540A
PLP-8848
48.0
88V C.T. @ 0.545A
44V @ 1.09A


Similar Part No. - PLP-2012

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20 MEANWELL-PLP-20 Datasheet
872Kb / 2P
20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20 Datasheet
186Kb / 3P
20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20 Datasheet
178Kb / 3P
20W Single Output LED Power Supply
PLP-20-12 MEANWELL-PLP-20-12 Datasheet
872Kb / 2P
20W Single Output LED Power Supply
PLP-20-12 MEANWELL-PLP-20-12 Datasheet
186Kb / 3P
20W Single Output LED Power Supply
More results

Similar Description - PLP-2012

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
High Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
High Isolation Power Transformers
PH9185.XXXNL PULSE-PH9185.XXXNL Datasheet
443Kb / 2P
High Isolation Power Transformers
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
Isolation Power Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com