Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP-3012 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PLP-3012
Description  LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PLP-3012 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PLP-3012 Datasheet HTML 1Page - Premier Magnetics, Inc. PLP-3012 Datasheet HTML 2Page - Premier Magnetics, Inc. PLP-3012 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
plp 4/97
LOW PROFILE DUAL
BOBBIN HIGH ISOLATION
POWER TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
PLP-XXX MECHANICAL
VARIATIONS AVAILABLE. FOR INTERMEDIATE VALUES AND/ OR CUSTOM
DESIGNS PLEASE CONSULT THE FACTORY.
A
SIZE
(VA)
DIMENSIONS IN INCHES
2.5
1.600
0.375
1.87
1.56
0.650
6.0
1.600
0.375
1.87
1.56
0.850
12.0
2.000
0.500
2.50
2.00
1.065
BL
W
H
.25
TYP
W
B
B
B
H
A
1
2
4
3
5
6
8
7
L
.041x.020
2.5 TO 12VA SIZES
INDICATES POLARITY
1
SEC #1
SEC #2
2
5
6
8
7
4
3
PRIMARY #2
115V 50/60Hz
PRIMARY #1
115V 50/60Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com