Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDCS06106 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PDCS06106
Description  5-6 WATT FIXED INPUT DC/DC POWER MODULES (Square Package)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS06106 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PDCS06106 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCS06106 Datasheet HTML 2Page - Premier Magnetics, Inc. PDCS06106 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PDCx0608x 02/01
5-6 WATT FIXED INPUT
DC/DC POWER MODULES
(Square Package)
FEATURES
!
5.0 to 6.0 Watt Isolated Output
!
Regulated Output
!
High Performance
!
Low Riple and Noise
GENERAL SPECIFICATIONS
!
Efficiency ..............................................
60%
!
Switching Frequency ................ 20KHz Min.
!
Isolation Voltage: .................... 500Vdc Min.
!
Operating Temperature ........ -25 to +75OC
Derate Linearly to no load @ 100OC max.
!
Case Material:
Non-Conductive Black Plastic
!
EMI/RFI............ Six-Sided Continuous Shield
INPUT SPECIFICATIONS
!
Voltage ................................... 5,12, 24, 28, 48 Vdc
!
Voltage Range ......................................... ± 10%
!
Input Filter .............................................. Pi Type
OUTPUT SPECIFICATIONS
!
Voltage ............................................... Per Table
!
Initial Voltage Accuracy .................... ±1% typ
!
Voltage Stability ............................ ±0.05% max
!
Ripple&Noise Single/Dual......50/35 mVp-p Max
!
Load Regulation ................................. ± 0.05%
!
Line Regulation ........................... ±0.02% typ.
!
Temp Coefficient ...................... ±0.02% /OC
!
Short Circuit Protection .............. Short Term
PACKAGE "AA"
PACKAGE " BB"
PHYSICAL DIMENSIONS
DIMENSIONS IN inches (mm)
PDCx06xxxx
YYWW
P
M
0.400
(10.16)
0.220
(5.58)
2.000
(50.80)
0.90
(22.90)
0.60
(15.20)
.800
(20.32)
0.60
(15.20)
.400
(10.16)
.400
(10.16)
.200
(5.08)
2.00
(50.80)
2.00
(50.80)
+IN
-IN
+OUT
COM/NP*
-OUT
0.400
(10.16)
.040
DIA.
(1.02)
0.220
(5.60)
1.70
(43.20)
0.85
(21.60)
1.65
(41.90)
0.85
(21.60)
0.15
(3.80)
.040
DIA.
(1.02)
BOTTOM VIEW
BOTTOM VIEW
+IN
-IN
+OUT
-OUT
COM/NP*
NP* - NO PIN ON SINGLE OUTPUT MODELS
0.175
(4.40)


Similar Part No. - PDCS06106

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS06131 PMI-PDCS06131 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06132 PMI-PDCS06132 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06133 PMI-PDCS06133 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06136 PMI-PDCS06136 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06137 PMI-PDCS06137 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
More results

Similar Description - PDCS06106

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
5-6 W DC/DC Power Modules Wide Input Series
logo
Tumbler Technologies + ...
TDW-5S2405 TRUMPOWER-TDW-5S2405 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 5-6 Watt
logo
Premier Magnetics, Inc.
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06031 PMI-PDCS06031 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06061Q PMI-PDCS06061Q Datasheet
28Kb / 2P
5-6 WATT 4:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06131 PMI-PDCS06131 Datasheet
30Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06161 PMI-PDCS06161 Datasheet
27Kb / 2P
5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
5-6 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com