Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-CS07 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-CS07
Description  PM-CSXX CURRENT SENSE TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-CS07 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-CS07 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-CS07 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-CS07 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
PM-CSXX
CURRENT SENSE
TRANSFORMERS
RoHS
9.65
(.38)
MAX
12.9
(.508)
1
2
3
4
5
10
9
8
7
6
PIN#1 I.D.
WHITE DOT
19.5
(4.95)
MAX
12.9
(.508)
.100
(2.54)
.028
(0.70)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +130OC
SCHEMATIC
MECHANICAL
*
High Current _ Primary Rated for 35 Amps RMS
*
Designed for automatic pick and place
*
Frequency Range from 50KHz to 500KHz
*
Maximum height = 10mm
PART
NUMBER
TURNS
N
S
+ 1%
SEC INDUCTANCE
(mH Min.)
SEC DCR
(Ohms Max.)
PRI CURRENT
(Amps)
HIPOT
(Vrms)
PM-CS21
1 : 30
0.50
0.34
35
500
PM-CS22
1 : 50
1.40
0.57
35
500
PM-CS23
1 : 70
2.70
0.80
35
500
PM-CS24
1 : 100
5.60
1.50
35
500
PM-CS25
1 : 200
22.0
5.00
35
500
PM-CS26
1 : 300
50.0
12.0
35
500
PHYSICAL Dimensions in inches (mm)
P
M
PM-CSXX
YYWW
.090
(2.30)
.050
(1.27)
.100
(2.54)
.61
(15.50)
.27
(7.0)
.14
(3.5)
.27
(7.0)
RECOMMEND LAYOUT
11
12
2
4
1 TURN
PRIMARY
SECONDARY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com