Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEB75 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CEB75
Description  30-84 WATT 1/8 BRICK DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CEB75 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CEB75 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C E B 7 5
30-84 WATT 1/8 BRICK
DC-DC CONVERTERS
S
E
R
I
E
S
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
(2.70)
0.600
(15.24)
(22.9)
2
1
3
(3.68)
(1.57)
BOTTOM VIEW
8
7
6
4
5
(10.0)
(15.24)
(7.62)
(58.4)
(50.80)
SIDE VIEW
0.106
0.040 (1.02)
0.39
0.062
0.600
0.300
2.000
2.30
0.90
0.145
SIZE EB
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range....………................48V……….........................36 – 75V
Under voltage lockout ……..…............. power up .........................35V typ.
power down …............... 33V typ.
Input Filter ...........…..……………….………..........................................LC Type
Positive Logic Remote on/off Control (see Note4 & 5)
Input Filter……………............................................................................PI Type
12Vout……………....…….........................LC Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy…………………...……………..........................±1.0% max.
Transient Response :25% Step Load Change..............................<400u sec.
Ripple and Noise, 20MHz BW …….......…………................100mV p-p max.
Temperature Coefficient....................….…………….............±0.03%/C max.
Short Circuit Protection...................…......……............Continuous / Hiccup
Line Regulation1..….………...……………….................................±.0.2% max.
Load Regulation2………………….........……….............................±0.5% max.
Over Voltage Protection Trip Range, %Vo nom………..............115%-140%
External Trim Adj. Range6…………….…………..............…....................±10%
Current Limit………………………................... 110% - 160% Nominal Output
GENERAL SPECIFICATIONS:
Efficiency...........................................………..…………....................See Table
Isolation Voltage...................................……..………...............1500 VDC min.
Isolation Resistance .....................…….………….……….........107 Ohms min.
Switching Frequency .............................……..............................250KHz typ
1V/1V2/1V5/1V8/5V.............200 KHz typ.
12Vout..............350KHz Typ.
Over Temperature Protection .....……...........................................120˚C typ.
Operating Ambient Temperature Range...…..…...…......... -40˚C to +85˚C
Storage Temperature Range ...…............…….....…........... -40˚C to +125˚C
Dimensions.........................……......………………....2.30 x 0.90 x 0.39 inches
(58.4 x 22.9 x 10.0 mm)
Weight.........................................................................................................26g
NOTE:
1. Measured From High Line to Low Line
2. Measured From Full Load to Zero Load
3.The output ripple and noise is measured with 10uF tantalum and 1uF
Ceramic capacitor across output.
4. Logic Compatibility ……………... Open Collector ref to -Input
Module ON ………. Open Circuit
Module OFF ……….. < 1.2Vdc
5. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF
Module ON ………. < 1.2Vdc
Module OFF ……….. Open Circuit
6. Trim-up.................Connect a Resistor Between the Trim Pin and+Sense
Trim-Down.............Connect a Resistor Between the Trim Pin and-Sense
Typical Derating Curve for CEB75-48S3V3
20LFM
100LFM
200LFM
300LFM
25
35
75
55
65
45
85
20
15
10
5
0
Ambient Temperature(˚C)
All Dimensions In Inches(mm)
Tolerance
Inches: x.xx= ±0.02, x.xxx= ±0.010
Millimeters: x.x= ±0.5, x.xx= ±0.25
PIN CONNECTION
Pin
Function
1
2
3
4
5
6
7
8
+V Input
ON/OFF
-V Input
-V Output
-Sense
Trim
+Sense
+Vout
MODEL
NUMBER
CEB75-48S1V0
CEB75-48S1V2
CEB75-48S1V5
CEB75-48S1V8
CEB75-48S2V5
CEB75-48S3V3
CEB75-48S05
CEB75-48S12
36-75 VDC
36-75 VDC
36-75 VDC
36-75 VDC
36-75 VDC
36-75 VDC
36-75 VDC
36-75 VDC
1.0 VDC
1.2 VDC
1.5 VDC
1.8 VDC
2.5 VDC
3.3 VDC
5.0 VDC
12 VDC
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
30A
30A
30A
30A
25A
20A
15A
7A
60 mA
60 mA
60 mA
60 mA
60 mA
60 mA
60 mA
70 mA
753mA
882mA
1090mA
1293mA
1463mA
1528mA
1736mA
1902mA
83
85
86
87
89
90
90
92
Eighth-Brick
Eighth-Brick
Eighth-Brick
Eighth-Brick
Eighth-Brick
Eighth-Brick
Eighth-Brick
Eighth-Brick
% EFF.
SIZE
INPUT
VOLTAGE
OUTPUT CURRENT
INPUT CURRENT
NO LOAD
FULL LOAD
MIN.
MAX.
OUTPUT
VOLTAGE
NOTE: 1. Nominal Input Voltage 48 VDC
.070(1.78)
.040(1.02)
.150(3.81)
HIGH SIGNAL HERE
DISABLE OUTPUT
ON/OFF (2)
-VIN (4)
-SENSE
TRIM UP
TRIM
TRIM DOWN
+SENSE
-SENSE
+SENSE
TRIM
10K ohms
TRIMPOT
2.40
(61.00)
Ø0.08
(2.03)
2pl.
0.50
(12.70)
SIDE VIEW
0.18 min.
(4.60) 2*R1.50
Mounting Inserts
M3*0.5 Through 4pl.
2.00
(50.80)
1.40
(35.56)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
1.90
(48.25)
2.28
(57.90)
BOTTOM VIEW
Ø0.04
(1.02)
7pl.
External Output Trim
• 30-84W Isolated Output
• Eighth Brick Package
• Regulated Outputs
• Efficiency to 92%
• 1500VDC Isolation
Features
• Input Under Voltage Protection
• Over Current Protection
• Over Temperature Protection
• Remote On/Off Control
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - CEB75

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEB75A3 CET-CEB75A3 Datasheet
398Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEB75A3 CET-MOS-CEB75A3 Datasheet
646Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2006.Nov
logo
Chino-Excel Technology
CEB75N06 CET-CEB75N06 Datasheet
330Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEB75N06 CET-MOS-CEB75N06 Datasheet
695Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 5. 2010.Nov.
logo
Chino-Excel Technology
CEB75N06G CET-CEB75N06G Datasheet
424Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEB75

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-C AIMTEC-AM8TW-C Datasheet
293Kb / 2P
8 watt dc-dc converters
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
30 watt dc-dc converters
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 8 Watt
logo
RSG Electronic Componen...
CQB125 RSG-CQB125 Datasheet
179Kb / 1P
40-125 WATT 1/4 BRICK DC-DC CONVERTERS
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
CINCON ELECTRONICS Corp...
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
8 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com