Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1CSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX1CSM2
Description  8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1CSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX1CSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX1CSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
STATEK’s miniature CX1SM AT crystals in leadless ceramic
packages are designed for surface mounting on printed
circuit boards or hybrid substrates. Due to its robust design,
this product has gained wide acceptance in the industry.
FEATURES
Designed for surface mount applications using
infrared, vapor phase, or epoxy mount techniques
Low profile hermetically sealed ceramic package
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Infusion Pumps
Monitoring Equipment
Industrial, Computer & Communications
Instrumentation
Process Control
Environmental Control
Telemetry
Military & Aerospace
Communications
Satellite Command and Control
Cockpit Electronics
Smart Munitions
Timing Devices (Fuzes)
CX1SM AT CRYSTAL
8 MHz to 250 MHz
Miniature Surface Mount AT Quartz Crystal
Fundamental Mode:
8 MHz - 250 MHz
™
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C
-
-
see below
D
0.045
1.14
0.055
1.40
E
0.060
1.52
0.070
1.78
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2/SM4
0.067
1.70
0.072
1.83
SM3/SM5
0.070
1.78
0.075
1.90
10107 - Rev B
SXX
XX
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
Pb
Third Overtone Mode: 48 MHz - 160 MHz
glass lid
ceramic lid


Similar Part No. - CX1CSM2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX1CSM2 RSG-CX1CSM2 Datasheet
480Kb / 2P
530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
More results

Similar Description - CX1CSM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX1SM STATEK-CX1SM Datasheet
60Kb / 2P
Miniature Surface Mount AT Quartz Crystal
logo
RSG Electronic Componen...
CX1HGSM RSG-CX1HGSM Datasheet
89Kb / 2P
8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
CX-1-03-LF RSG-CX-1-03-LF Datasheet
83Kb / 2P
8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
logo
STATEK CORPORATION
CX1SM STATEK-CX1SM_11 Datasheet
103Kb / 2P
Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM_13 Datasheet
146Kb / 2P
Ultra-Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com