Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2VCSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX2VCSM2
Description  16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX2VCSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX2VCSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX2VCSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10134 - Rev B
DESCRIPTION
The CX2VSM quartz crystals are leadless devices
designed for surface mounting on printed circuit boards
or hybrid substrates. These miniature crystals are
intended to be used in Pierce oscillators. They are
hermetically sealed in a rugged, miniature ceramic
package. They are manufactured using the STATEK-
developed
photolithographic
process,
and
were
designed utilizing the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications. Maximum process temperature
should not exceed 260
OC.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX2VSM CRYSTAL
16 kHz to 600 kHz
Miniature
Surface Mount
Quartz Crystal for Pierce Oscillators
™
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.260
6.60
0.275
6.99
B
0.094
2.39
0.108
2.74
C
-
-
see below
D
0.035
0.89
0.045
1.14
E
0.059
1.50
0.069
1.75
F
0.050
1.27
0.060
1.52
G
0.105
2.67
0.115
2.92
H
0.155
3.94
0.165
4.19
I
0.210
5.33
0.220
5.59
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.075
1.91
SM2
0.067
1.70
0.077
1.96
SM3
0.070
1.78
0.080
2.03
C
B
1
2
3
D
F
G
E
H
I
A
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
GRID
COURTYARD
0.113
(2.87)
0.060
inches (mm)
(1.52)
0.105 (2.67)
0.060 (1.52)
1
2
Note: Terminal 1 is electrically connected internally to terminal 3
actual size
side view
Glass Lid Shown


Similar Part No. - CX2VCSM2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX2V EUROQUARTZ-CX2V Datasheet
335Kb / 2P
Miniature Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
EUROQUARTZ limited
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
Frequency Range 16kHz to 600kHz
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
285Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Similar Description - CX2VCSM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com