Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2HCSM3 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX2HCSM3
Description  Miniature Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX2HCSM3 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX2HCSM3 Datasheet HTML 1Page - RSG Electronic Components GmbH CX2HCSM3 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
The CX2HSM quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates. These miniature crystals are intended to be
used in Series oscillators. They are hermetically sealed in a
rugged, miniature ceramic package. The CX2HSM crystal
is
manufactured
using
the
STATEK-developed
photolithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
Maximum process temperature should not exceed 260
OC.
FEATURES
Miniature tuning fork design
High shock resistance
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Designed and manufactured in the USA
CX2HSM CRYSTAL
16 kHz to 600 kHz
Miniature
Surface Mount
Quartz Crystal for Series Oscillators
™
C
B
1
2
3
D
F
G
E
H
I
A
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.260
6.60
0.275
6.99
B
0.094
2.39
0.108
2.74
C
-
-
see below
D
0.035
0.89
0.045
1.14
E
0.059
1.50
0.069
1.75
F
0.050
1.27
0.060
1.52
G
0.105
2.67
0.115
2.92
H
0.155
3.94
0.165
4.19
I
0.210
5.33
0.220
5.59
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.075
1.91
SM2
0.067
1.70
0.077
1.96
SM3
0.070
1.78
0.080
2.03
10137 - Rev B
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
GRID
COURTYARD
0.113
(2.87)
0.060
inches (mm)
(1.52)
0.105 (2.67)
0.060 (1.52)
1
2
actual size
side view
Note: Terminal 1 is electrically connected internally to terminal 3
CONVENTIONAL SERIES
OSCILLATOR CIRCUIT
BUFFER
CX-2H XTAL
OSCILLATOR
Contact factory for
design guidelines
CX2H XTAL
Glass Lid Shown


Similar Part No. - CX2HCSM3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM Datasheet
469Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
EUROQUARTZ limited
CX2HSM EUROQUARTZ-CX2HSM Datasheet
300Kb / 2P
Frequency Range 16kHz to 600kHz
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM Datasheet
132Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSM STATEK-CX2HSM_08 Datasheet
132Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HT-06 STATEK-CX2HT-06 Datasheet
317Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results

Similar Description - CX2HCSM3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1HSM STATEK-CX1HSM Datasheet
479Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2HSM STATEK-CX2HSM Datasheet
469Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX1VSM RSG-CX1VSM Datasheet
533Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX1HSM STATEK-CX1HSM_08 Datasheet
463Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2HSM STATEK-CX2HSM_08 Datasheet
132Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM_08 Datasheet
128Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com