Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX3CSM4 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX3CSM4
Description  9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX3CSM4 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX3CSM4 Datasheet HTML 1Page - RSG Electronic Components GmbH CX3CSM4 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10120 - Rev D
DESCRIPTION
STATEK’s miniature CX3SM AT crystals in leadless ceramic
packages are designed for surface mounting on printed circuit
boards or hybrid substrates. These crystals are low profile and
have a small land pattern.
FEATURES
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques.
Low profile (less than 1.5 mm available) hermetically
sealed ceramic package
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Monitoring Equipment
Industrial, Computer & Communications
Instrumentation
Down-hole Data Recorder
Engine Control
Handheld Inventory Control
Telemetry
Military & Aerospace
Communications
Smart Munitions
Timing Devices
Surveillance Devices
CX3SM AT CRYSTAL
9.6 MHz to 250 MHz
Low Profile Miniature Surface Mount AT Quartz Crystal
Fundamental Mode:
9.6 MHz - 70 MHz
Third Overtone Mode:
48 MHz - 250 MHz
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.263
6.68
0.270
6.86
B
0.097
2.46
0.104
2.64
C
-
-
see below
D
0.052
1.32
0.058
1.47
E
0.030
0.76
0.035
0.89
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
inches
mm
inches
mm
SM1
0.053
1.35
0.067
1.70
SM2/SM4
0.055
1.40
0.069
1.75
SM3/SM5
0.058
1.47
0.072
1.83
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
SXX
XX
™
Pb
glass lid
ceramic lid


Similar Part No. - CX3CSM4

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX3CSM1 RSG-CX3CSM1 Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3CSM2 RSG-CX3CSM2 Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3CSM3 RSG-CX3CSM3 Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
More results

Similar Description - CX3CSM4

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX3SMAT STATEK-CX3SMAT Datasheet
64Kb / 2P
Low Profile Miniature Surface Mount AT Quartz Crystal
logo
RSG Electronic Componen...
CX1HGSM RSG-CX1HGSM Datasheet
89Kb / 2P
8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com