Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX3SCSM5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CX3SCSM5
Description  9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX3SCSM5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CX3SCSM5 Datasheet HTML 1Page - RSG Electronic Components GmbH CX3SCSM5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX3SM AT CRYSTALS
CX3
S
C
SM1
–
32.0M
,
100
/
100
/
—
/
I
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10120 - Rev D
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Max Process Temperature
260
OC for 20 sec.
PACKAGING OPTIONS
• Tray Pack
• 16mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Fundamental Frequency
10 MHz 32 MHz 155.52 MHz
Motional Resistance R1 (Ω)
60
25
10
Motional Capacitance C1 (fF)
2.8
6.2
4.0
Quality Factor Q (k)
95
30
30
Shunt Capacitance C0 (pF)
1.4
2.3
2.3
Calibration Tolerances
1
100 ppm, or tighter as required
Load Capacitance
2
20 pF for f
≤ 50 MHz
10 pF for f > 50 MHz
Drive Level
500
µW MAX for f ≤ 50 MHz
200
µW MAX for f > 50 MHz
Frequency-Temperature
50 ppm to
10 ppm (Commercial)
Stability
1,3
100 ppm to 20 ppm (Industrial)
100 ppm to 30 ppm (Military)
Aging, first year
4
5 ppm MAX (less than 1 ppm available)
Shock, survival
5
3,000 g, 0.3 ms, 1/2 sine
Vibration, survival
6
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
1. Other tolerances available. Contact factory.
2. Unless specified otherwise.
3. Does not include calibration tolerance. The characteristics of the frequency stability over temperature
follow that of the AT thickness-shear mode.
4. 10 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies contact
factory.
5. Higher shock version available.
6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
+
_
+
_
+
_
+
_
+
_
+
_
+
_
SUGGESTED LAND PATTERN
0.070 (1.78)
0.215 (5.46)
0.120 (3.05)
inches (mm)
“S” if special or
custom design.
Blank if Std.
C = Ceramic Lid
Blank = Glass Lid
O.T. = 3
rd O.T. Mode
Blank = Fundamental
Mode
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
M = MHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
OR
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
Pb
—
/
—
/
200
/
I



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com