Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76901 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS76901
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901 Datasheet(HTML) 2 Page - Texas Instruments

  TPS76901 Datasheet HTML 1Page - Texas Instruments TPS76901 Datasheet HTML 2Page - Texas Instruments TPS76901 Datasheet HTML 3Page - Texas Instruments TPS76901 Datasheet HTML 4Page - Texas Instruments TPS76901 Datasheet HTML 5Page - Texas Instruments TPS76901 Datasheet HTML 6Page - Texas Instruments TPS76901 Datasheet HTML 7Page - Texas Instruments TPS76901 Datasheet HTML 8Page - Texas Instruments TPS76901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203D – JUNE 1999 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
Variable
1.2V to 5.5V
TPS76901DBVT†
TPS76901DBVR‡
PCFI
1.2 V
TPS76912DBVT†
TPS76912DBVR‡
PCGI
1.5 V
TPS76915DBVT†
TPS76915DBVR‡
PCHI
1.8 V
SO
TPS76918DBVT†
TPS76918DBVR‡
PCII
–40
°C to 125°C
2.5 V
SOT-23
(DBV)
TPS76925DBVT†
TPS76925DBVR‡
PCJI
2.7 V
(DBV)
TPS76927DBVT†
TPS76927DBVR‡
PCKI
2.8 V
TPS76928DBVT†
TPS76928DBVR‡
PCLI
3.0 V
TPS76930DBVT†
TPS76930DBVR‡
PCMI
3.3 V
TPS76933DBVT†
TPS76933DBVR‡
PCNI
5.0 V
TPS76950DBVT†
TPS76950DBVR‡
PCOI
† The DBVT indicates tape and reel of 250 parts.
‡ The DBVR indicates tape and reel of 3000 parts.
functional block diagram
TPS76901
OUT
IN
FB
GND
EN
VREF
TPS76912/15/18/25/27/28/30/33/50
OUT
IN
GND
EN
VREF
Current Limit
/ Thermal
Protection
Current Limit
/ Thermal
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com