Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-52250P-C2-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-52250P-C2-R0
Description  Ultra High Performance BGA Cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-52250P-C2-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-52250P-C2-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimension C = heat sink height from bottom of the base to the top of the fin field.
Thermal performance data are provided for reference only. Actual performance may vary
by application.
ATS reserves the right to update or change its products without notice to improve the
design or performance.
Contact ATS to learn about custom options available.
1)
2)
3)
4)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-52250P-C2-R0
Features & Benefits
Ultra High Performance BGA Cooling
Solutions w/ Thermal Tape Attachment
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
3.9
3.2
2.7
2.5
2.3
2.1
2
3
25 mm
25 mm
17.5 mm
44.9 mm
BLUE-ANODIZED
SAINT-gOBAIN C675
maxiFLOW™ design features a low profile, spread fin
array that maximizes surface area for more effective
convection (air) cooling
Fabricated from extruded aluminum, which minimizes
thermal resistance from the base to the fins, reduces
weight and keeps costs low
Higher performance helps ensure reliable product life at a
lower cost than other extruded heat sinks
»
»
»
C
B
A
D
*Image above is for illustration purposes only.


Similar Part No. - ATS-52250P-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-52250P-C1-R0 ATS-ATS-52250P-C1-R0 Datasheet
964Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-52250P-C1-R0 ATS-ATS-52250P-C1-R0_17 Datasheet
287Kb / 1P
Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
More results

Similar Description - ATS-52250P-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-50190B-C2-R0 ATS-ATS-50190B-C2-R0 Datasheet
296Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50310G-C2-R0 ATS-ATS-50310G-C2-R0 Datasheet
303Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50325G-C2-R0 ATS-ATS-50325G-C2-R0 Datasheet
303Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50375B-C2-R0 ATS-ATS-50375B-C2-R0 Datasheet
300Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50400P-C2-R0 ATS-ATS-50400P-C2-R0 Datasheet
311Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-51170D-C2-R0 ATS-ATS-51170D-C2-R0 Datasheet
314Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-51170K-C2-R0 ATS-ATS-51170K-C2-R0 Datasheet
320Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-51210R-C2-R0 ATS-ATS-51210R-C2-R0 Datasheet
327Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-51230K-C2-R0 ATS-ATS-51230K-C2-R0 Datasheet
322Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-51300K-C2-R0 ATS-ATS-51300K-C2-R0 Datasheet
323Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com