Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS9125 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS9125
Description  5 V/3 V SIM SUPPLY AND LEVEL SHIFTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9125 Datasheet(HTML) 1 Page - Texas Instruments

  TPS9125 Datasheet HTML 1Page - Texas Instruments TPS9125 Datasheet HTML 2Page - Texas Instruments TPS9125 Datasheet HTML 3Page - Texas Instruments TPS9125 Datasheet HTML 4Page - Texas Instruments TPS9125 Datasheet HTML 5Page - Texas Instruments TPS9125 Datasheet HTML 6Page - Texas Instruments TPS9125 Datasheet HTML 7Page - Texas Instruments TPS9125 Datasheet HTML 8Page - Texas Instruments TPS9125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS9125
5 V/3 V SIM SUPPLY AND LEVEL SHIFTERS
SLVS244A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Integrated SIM Supply and Level Shifters
D Selectable 5-V or 3-V SIM Supply Voltage
D 3-V to 5-V Level Shifters, Bidirectional for
SIM Data Line
D 10 kV ESD Protection (HBM) on SIMDATA,
SIMRST, and SIMCLK Terminal
D 14 Terminal TSSOP
D Minimum Supply Voltage 2.7 V
D Integrated PullUp Resistor for DATA and
SIMDATA
D Thin Shrink, Small Outline, Left-Hand Tape
and Reel Package
description
The TPS9125 SIM supply and level shifter integrates a programmable 3-V or 5-V SIM supply, conformable to
the (GSM) test specification 11.10, together with either a 3-V or 5-V level shifter, conformable to the GSM
specification 11.11 and 11.12.
A charge pump, utilizing two external capacitors, is configured as voltage doubler to generate a 5-V supply rail
from VDD. Dependent on the SIM card used, a control signal coming from the SIM card controller is applied on
the MODE terminal to switch between a 3-V or 5-V supply on the SIMVCC output terminal.
A 3-V/5-V bidirectional level shifter translates the 3-V compatible logic signal on DATA terminal into a 5-V
compatible logic signal SIMDATA terminal, and vice versa. RST and CLK are unidirectional level shifters,
providing a 5-V SIMRST and SIMCLK signal from the microcontroller to the SIM card.
The SIM supply is operating provided SIMPWR = 1 and VDD is sufficient (> 2.7 V). Under this condition, SIMVCC
voltage is generated by the SIM supply charge pump.
A RESET terminal is provided for security reasons to switch off the SIM supply and interface if the SIM card is
disconnected or removed by accident.
The TSP9125 is packaged in TI’s thin shrink small-outline package (PW).
AVAILABLE OPTIONS
TA
PACKAGE
TA
(PW)
–30
°C to 85°C
TSP9125PWR†
† Suffix R stands for left-handed tape and reel.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
RESET
MODE
SIMPWR
DATA
CLK
RST
SIMVCC
VCAP1
VCAP2
SIMDATA
GND
SIMCLK
SIMRST
PW PACKAGE
(TOP VIEW)


Similar Part No. - TPS9125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9103 TI-TPS9103 Datasheet
341Kb / 22P
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
TPS9103 TI1-TPS9103 Datasheet
364Kb / 22P
POWER SUPPLY FOR GAAS POWER AMPLIFIERS
TPS9103PW TI-TPS9103PW Datasheet
341Kb / 22P
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
TPS9103PWLE TI1-TPS9103PWLE Datasheet
364Kb / 22P
POWER SUPPLY FOR GAAS POWER AMPLIFIERS
TPS9103Y TI-TPS9103Y Datasheet
341Kb / 22P
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
More results

Similar Description - TPS9125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com