Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2146 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2146
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2146 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2146 Datasheet HTML 7Page - Diodes Incorporated AP2146 Datasheet HTML 8Page - Diodes Incorporated AP2146 Datasheet HTML 9Page - Diodes Incorporated AP2146 Datasheet HTML 10Page - Diodes Incorporated AP2146 Datasheet HTML 11Page - Diodes Incorporated AP2146 Datasheet HTML 12Page - Diodes Incorporated AP2146 Datasheet HTML 13Page - Diodes Incorporated AP2146 Datasheet HTML 14Page - Diodes Incorporated AP2146 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP2146/AP2156
0.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2146/AP2156 Rev 1
11 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Turn-On Time vs Input Voltage
0
100
200
300
400
500
600
700
800
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off Time vs Input Voltage
28
28
29
29
30
30
31
31
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Rise Time vs Input Voltage
0
100
200
300
400
500
600
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Fall Time vs Input Voltage
19
20
21
22
23
24
25
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Supply Current, Output Enabled vs Ambient Temperature
30
35
40
45
50
55
60
65
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Supply Current, Output Disabled vs Ambient Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
-45
-25
-5
15
35
55
75
95
Ambient Temperature (°C)
Vin=2.7V
Vin=5.0V
Vin=3.3V
Vin=5.5V
Vin=5.0V
Vin=5.5V
Vin=3.3V
Vin=2.7V
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com