Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5726 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP5726
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5726 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP5726 Datasheet HTML 7Page - Diodes Incorporated AP5726 Datasheet HTML 8Page - Diodes Incorporated AP5726 Datasheet HTML 9Page - Diodes Incorporated AP5726 Datasheet HTML 10Page - Diodes Incorporated AP5726 Datasheet HTML 11Page - Diodes Incorporated AP5726 Datasheet HTML 12Page - Diodes Incorporated AP5726 Datasheet HTML 13Page - Diodes Incorporated AP5726 Datasheet HTML 14Page - Diodes Incorporated AP5726 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP5726
WHITE LED STEP-UP CONVERTER
AP5726 Rev. 1
11 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
2. Using a DC Voltage
For some applications, the preferred method of brightness control is a variable DC voltage to adjust the LED
current. The dimming control using a DC voltage is shown in Figure 3. As the DC voltage increases, the
voltage drop on R2 increases and the voltage drop on RSET decreases. Thus, the LED current decreases. The
selection of R2 and R3 will make the current from the variable DC source much smaller than the LED current
and much larger than the FB pin bias current. For VDC range from 0V to 2V, the selection of resistors in Figure
3 gives dimming control of LED current from 0mA to 20mA.
3. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjustable DC voltage. It can be used to replace the variable
DC voltage source in dimming control.
AP5726
FB
RSET
15
R2
5k
R3
100k
VDC
Figure 3. Dimming Control Using a DC Voltage
4. Using a Logic Signal
For applications that need to adjust the LED current in discrete steps, a logic signal can be used as shown in
Figure 4. RSET sets the minimum LED current (when the NMOS is off). RSET sets how much the LED current
increases when the NMOS is turned on.
AP5726
FB
RSET
RINC
Logic
Signal
Figure 4. Dimming Control Using a Logic Signal
Application Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com