Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3024LSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3024LSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3024LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3024LSS Datasheet HTML 1Page - Diodes Incorporated DMN3024LSS Datasheet HTML 2Page - Diodes Incorporated DMN3024LSS Datasheet HTML 3Page - Diodes Incorporated DMN3024LSS Datasheet HTML 4Page - Diodes Incorporated DMN3024LSS Datasheet HTML 5Page - Diodes Incorporated DMN3024LSS Datasheet HTML 6Page - Diodes Incorporated DMN3024LSS Datasheet HTML 7Page - Diodes Incorporated DMN3024LSS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMN3024LSS
Document Revision: 3
4 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN3024LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
0.5
μA
VDS= 30V, VGS= 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
⎯
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 6)
RDS (ON)
⎯
⎯
0.024
Ω
VGS= 10V, ID= 7.0A
0.036
VGS= 4.5V, ID= 6.0A
Forward Transconductance (Notes 6 & 7)
gfs
⎯
16.5
⎯
S
VDS= 15V, ID= 7.1A
Diode Forward Voltage (Note 6)
VSD
⎯
0.82
1.2
V
IS= 1.7A, VGS= 0V
Reverse recovery time (Note 7)
trr
12
⎯
ns
IS= 2.2A, di/dt= 100A/μs
Reverse recovery charge (Note 7)
Qrr
⎯
4.8
⎯
nC
DYNAMIC CHARACTERISTICS (
Note 7)
Input Capacitance
Ciss
⎯
608
⎯
pF
VDS= 15V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
⎯
132
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
71
⎯
pF
Total Gate Charge
Qg
⎯
6.3
⎯
nC
VDS= 15V, VGS= 4.5V
ID= 7A
Total Gate Charge
Qg
⎯
12.9
⎯
nC
VDS= 15V, VGS= 10V
ID= 7A
Gate-Source Charge
Qgs
⎯
2.5
⎯
nC
Gate-Drain Charge
Qgd
⎯
2.5
⎯
nC
Turn-On Delay Time (Note 8)
tD(on)
⎯
2.9
⎯
ns
VDD= 15V, VGS= 10V
ID= 1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 8)
tr
⎯
3.3
⎯
ns
Turn-Off Delay Time (Note 8)
tD(off)
⎯
16
⎯
ns
Turn-Off Fall Time (Note 8)
tf
⎯
8
⎯
ns
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
7. For design aid only, not subject to production testing.
8. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com