Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS2220LFDB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMS2220LFDB
Description  P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SBR짰 SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2220LFDB Datasheet(HTML) 2 Page - Diodes Incorporated

  DMS2220LFDB Datasheet HTML 1Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 2Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 3Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 4Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 5Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMS2220LFDB
Document number: DS31546 Rev. 6 - 2
2 of 6
www.diodes.com
March 2009
© Diodes Incorporated
DMS2220LFDB
SBR is a registered trademark of Diodes Incorporated.
Electrical Characteristics – P-CHANNEL MOSFET – Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1
μA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
⎯
⎯
±100
±800
nA
VGS = ±8V, VDS = 0V
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-0.45
⎯
-1.3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
60
74
86
95
120
⎯
m
Ω
VGS = -4.5V, ID = -2.8A
VGS = -2.5V, ID = -2.0A
VGS = -1.8V, ID = -1.0A
Forward Transfer Admittance
|Yfs|
⎯
8
⎯
S
VDS = -5V, ID = -2.8A
Diode Forward Voltage (Note 5)
VSD
⎯
0.7
-1.2
V
VGS = 0V, IS = -1.6A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
632
⎯
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
65
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
54
⎯
pF
Electrical Characteristics – SBR
® – D1 @ T
A = 25ºC unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
35
40
⎯
V
IR = 1mA
Forward Voltage
VF
⎯
⎯
354
415
0.42
0.49
V
IF = 0.5A
IF = 1.0A
Reverse Current (Note 5)
IR
⎯
⎯
100
μA
VR = 20V
Notes:
5. Short duration pulse test used to minimize self-heating effect.
Q1, P-CHANNEL MOSFET
01
2
3
4
5
Fig. 1 Typical Output Characteristics
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
2
4
6
8
10
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -4.5V
GS
V
= -8.0V
GS
V
= -1.0V
GS
V
= -1.2V
GS
0.5
1
1.5
2
0
2
4
6
8
10
Fig. 2 Typical Transfer Characteristics
-V
, GATE SOURCE VOLTAGE (V)
GS
V
= -5V
DS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com