Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76901DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901DBVT
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS76901DBVT Datasheet HTML 1Page - Texas Instruments TPS76901DBVT Datasheet HTML 2Page - Texas Instruments TPS76901DBVT Datasheet HTML 3Page - Texas Instruments TPS76901DBVT Datasheet HTML 4Page - Texas Instruments TPS76901DBVT Datasheet HTML 5Page - Texas Instruments TPS76901DBVT Datasheet HTML 6Page - Texas Instruments TPS76901DBVT Datasheet HTML 7Page - Texas Instruments TPS76901DBVT Datasheet HTML 8Page - Texas Instruments TPS76901DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203D – JUNE 1999 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 100 mA, EN = 0 V, CO = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FB input current
FB = 1.224 V (TPS76901)
–1
1
µA
High level enable input voltage
2.7 V < VI < 10 V
1.7
V
Low level enable input voltage
2.7 V < VI < 10 V
0.9
V
Power supply ripple rejection
f = 1 kHz,
CO = 10 µF,
TJ = 25°C,
See Note 4
60
dB
Input current (EN)
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
IO = 50 mA,
TJ = 25°C
60
TPS76928
IO = 50 mA,
TJ = –40°C to 125°C
125
TPS76928
IO = 100 mA,
TJ = 25°C
122
IO = 100 mA,
TJ = –40°C to 125°C
245
IO = 50 mA,
TJ = 25°C
57
TPS76930
IO = 50 mA,
TJ = –40°C to 125°C
115
TPS76930
IO = 100 mA,
TJ = 25°C
115
Dropout voltage (See Note 6)
IO = 100 mA,
TJ = –40°C to 125°C
230
mV
Dropout voltage (See Note 6)
IO = 50 mA,
TJ = 25°C
48
mV
TPS76933
IO = 50 mA,
TJ = –40°C to 125°C
100
TPS76933
IO = 100 mA,
TJ = 25°C
98
IO = 100 mA,
TJ = –40°C to 125°C
200
IO = 50 mA,
TJ = 25°C
35
TPS76950
IO = 50 mA,
TJ = –40°C to 125°C
85
TPS76950
IO = 100 mA,
TJ = 25°C
71
IO = 100 mA,
TJ = –40°C to 125°C
170
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 100 mA.
6. IN voltage equals VO(Typ) – 100mV; TPS76901 output voltage set to 3.3V nominal with external resistor divider. TPS76912,
TPS76915, TPS76918, TPS76925, and TPS76927 dropout voltage limited by input voltage range limitations.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1, 2, 3
VO
Output voltage
vs Free-air temperature
4, 5, 6
Ground current
vs Free-air temperature
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
VDO
Dropout voltage
vs Free-air temperature
10
Ripple rejection
vs Frequency
11
LDO startup time
12
Line transient response
13, 15
Load transient response
14, 16
Equivalent series resistance (ESR)
vs Output current
17, 19
Equivalent series resistance (ESR)
vs Added ceramic capacitance
18, 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com