Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 9Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 10Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 11Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
ADS5463 sampling rate = 500 MSPS, ADS54RF63 sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3
= 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock, unless otherwise noted
ADS54RF63
ADS5463
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
THD, Total Harmonic Distortion
fIN = 10 MHz
82
80
fIN = 70 MHz
82
79
fIN = 100 MHz
80
77
fIN = 230 MHz
78
75
fS = 500MSPS
fIN = 300 MHz
76
73
fIN = 450 MHz
77
73
THD
dBc
fIN = 650 MHz
69
64
fIN = 900 MHz
64
55
fIN = 1.3 GHz
56
44
fIN = 100 MHz
74
NA
fS = 550MSPS
fIN = 450 MHz
72
NA
fIN = 1.3 GHz
56
NA
SINAD, Signal-to-Noise and Distortion
fIN = 10 MHz
63.6
64.2
fIN = 70 MHz
63.5
64.2
fIN = 100 MHz
63.5
62
64.1
fIN = 230 MHz
63.2
63.7
fS = 500MSPS
fIN = 300 MHz
60
63.1
63.5
fIN = 450 MHz
62.9
63.1
SINAD
dBc
fIN = 650 MHz
61.5
60.5
fIN = 900 MHz
59.6
54.4
fIN = 1.3 GHz
54.4
44.1
fIN = 100 MHz
61.3
NA
fS = 550MSPS
fIN = 450 MHz
57
60.1
NA
fIN = 1.3 GHz
54
NA
ENOB, Effective Number of Bits (from SINAD in dBc)(1)
fIN = 100 MHz
10.3
10
10.4
fIN = 300 MHz
9.67
10.2
10.4
fS = 500MSPS
fIN = 900 MHz
9.6
8.7
ENOB
Bits
fIN = 1.3 GHz
8.7
7
fIN = 450 MHz
9.18
9.7
NA
fS = 550MSPS
fIN = 1.3 GHz
8.7
NA
(1)
ENOB = [SINAD(dBc) - 1.76] / 6.02
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com