Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2333 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC2333
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC2333 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC2333 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2333 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2333 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2333 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC2333
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.5A;IB=0.1A;L=1mA
400
V
VCEsat
Collector-emitter saturation voltage
IC=0.5A; IB=0.1A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=0.5A; IB=0.1A
1.2
V
ICER
Collector cut-off current
VCE=400V;RBE=51Ω;
Ta=125℃
1.0
mA
ICEX1
Collector cut-off current
VCE=400V;VBE(OFF)=-5.0V
10
μ
A
ICEX2
Collector cut-off current
VCE=400V;VBE(OFF)=-5.0V
Ta=125℃
1.0
mA
ICBO
Collector cut-off current
VCB=400V ;IE=0
10
μ
A
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
μ
A
hFE-1
DC current gain
IC=0.1A ; VCE=5V
20
80
hFE-2
DC current gain
IC=0.5A ; VCE=5V
10
ton
Turn on time
1.0
μ
s
tstg
Storage time
2.5
μ
s
tf
Fall time
IC=0.5A;IB1=-IB2=0.1A
RL=300Ω;VCC=150V
1.0
μ
s
hFE-1 classifications
M
L
K
20-40
30-60
40-80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com