Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6013P-BC Datasheet(PDF) 1 Page - Soberton Inc.

Part # EM6013P-BC
Description  Omnidirectional Back Electret Condenser Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

EM6013P-BC Datasheet(HTML) 1 Page - Soberton Inc.

  EM6013P-BC Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM6013-BC, EM6013S-BC, & EM6013P-BC
Omnidirectional Back Electret Condenser Microphone
Sensitivity
OdB = 1V/Pa. 1KHz
Directivity
Omnidirectional
Impedance
Low Impedance
Current Consumption
Max. 0.5mA
Standard Operation Voltage
2.0V
Sensitivity Reduction
Within
–
3dB at 1.5V
S/N Ratio
More than 58dB
Sensitivity Range
-42
±
4
d
B
,
-44
±
4
d
B
,
-46
±
4
d
B
,
-48
±
4
d
B
Typical Frequency Response Curve:
Schematic Diagram:
Unit: mm
id26296582 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


Similar Part No. - EM6013P-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM6011 ETC1-EM6011 Datasheet
446Kb / 1P
ELECTRET CONDENSER MICROPHONE
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
Hall Effect Latch
logo
List of Unclassifed Man...
EM6011-BC ETC1-EM6011-BC Datasheet
446Kb / 1P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM6011-FC SOBERTON-EM6011-FC Datasheet
569Kb / 1P
Omnidirectional Front Electret Condenser Microphone
logo
List of Unclassifed Man...
EM6011P-BC ETC1-EM6011P-BC Datasheet
446Kb / 1P
ELECTRET CONDENSER MICROPHONE
More results

Similar Description - EM6013P-BC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
WM-60A PANASONIC-WM-60A Datasheet
42Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
logo
Soberton Inc.
EM4015-BC SOBERTON-EM4015-BC Datasheet
595Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM4513-BC SOBERTON-EM4513-BC Datasheet
558Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM6015-BC SOBERTON-EM6015-BC Datasheet
201Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM6018-BC SOBERTON-EM6018-BC Datasheet
204Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM6022-BC SOBERTON-EM6022-BC Datasheet
187Kb / 1P
Omnidirectional Back Electret Condenser Microphone
EM6027-BC SOBERTON-EM6027-BC Datasheet
174Kb / 1P
Omnidirectional Back Electret Condenser Microphone
logo
Panasonic Semiconductor
WM-61B102B PANASONIC-WM-61B102B Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-61A PANASONIC-WM-61A Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com