Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS501PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS501PWR
Description  SSC Clock Generator/Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCS501PWR Datasheet(HTML) 5 Page - Texas Instruments

  CDCS501PWR Datasheet HTML 1Page - Texas Instruments CDCS501PWR Datasheet HTML 2Page - Texas Instruments CDCS501PWR Datasheet HTML 3Page - Texas Instruments CDCS501PWR Datasheet HTML 4Page - Texas Instruments CDCS501PWR Datasheet HTML 5Page - Texas Instruments CDCS501PWR Datasheet HTML 6Page - Texas Instruments CDCS501PWR Datasheet HTML 7Page - Texas Instruments CDCS501PWR Datasheet HTML 8Page - Texas Instruments CDCS501PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APPLICATION INFORMATION
SSC MODULATION
PARAMETER MEASUREMENT INFORMATION
VDD
1kW
1kW
10pF
LVCMOS
CDCS501
LVCMOS
LVCMOS
CDCS501
TypicalDriver
Impedance
~32 W
SeriesTermination
~18 W
Z =50
L
W
CDCS501
www.ti.com..................................................................................................................................................................................................... SCAS874 – APRIL 2009
The exact implementation of the SSC modulation plays a vital role for the EMI reduction. The CDCS501 uses a
triangular modulation scheme implemented in a way that the modulation frequency depends on the VCO
frequency of the internal PLL and the spread amount is independent from the VCO frequency.
The modulation frequency can be calculated by using the below formula.
fmod = fIN / 2480
Figure 2. Test Load
Figure 3. Test Load for 50-
Ω Board Enviroment
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCS501



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com