Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01A Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB14C01A
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01A Datasheet(HTML) 2 Page - Texas Instruments

  TSB14C01A Datasheet HTML 1Page - Texas Instruments TSB14C01A Datasheet HTML 2Page - Texas Instruments TSB14C01A Datasheet HTML 3Page - Texas Instruments TSB14C01A Datasheet HTML 4Page - Texas Instruments TSB14C01A Datasheet HTML 5Page - Texas Instruments TSB14C01A Datasheet HTML 6Page - Texas Instruments TSB14C01A Datasheet HTML 7Page - Texas Instruments TSB14C01A Datasheet HTML 8Page - Texas Instruments TSB14C01A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGES
TA
CERAMIC FLAT PACK
(HV)
THIN QUAD FLAT PACK
(PM)
0
°C to 70°C
—
TSB14C01APM
–40
°C to 85°C
—
TSB14C01AIPM
–55
°C to 125°C
TSB14C01AMHV
—
1718 19
NC
NC
NC
NC
NC
RDATA
RSTRB
VCC
TDATA
TSTRB
GND
N_OEB_D
GND
PTEST_INDRV
VCC
NC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ARB_CLK
PHYENA
VCC
ENA_PRI
VCC
N_POR
GND
LREQ
VCC
SCLK
TSCLK
GND
CTL0
CTL1
D0
D1
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
NC – No connection
PM PACKAGE
(TOP VIEW)
TSB14C01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com