Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AI Datasheet(PDF) 16 Page - Texas Instruments

Part # TSB14C01AI
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSB14C01AI Datasheet HTML 12Page - Texas Instruments TSB14C01AI Datasheet HTML 13Page - Texas Instruments TSB14C01AI Datasheet HTML 14Page - Texas Instruments TSB14C01AI Datasheet HTML 15Page - Texas Instruments TSB14C01AI Datasheet HTML 16Page - Texas Instruments TSB14C01AI Datasheet HTML 17Page - Texas Instruments TSB14C01AI Datasheet HTML 18Page - Texas Instruments TSB14C01AI Datasheet HTML 19Page - Texas Instruments TSB14C01AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit
When the link requests access to the serial bus through the LREQ terminal, the phy arbitrates for access to the
serial bus. When the phy wins the arbitration, it grants the bus to the link by asserting transmit on the CTL
terminals for one SCLK cycle, followed by idle for one cycle. After sampling the transmit state from the phy, the
link takes over control of the interface by asserting either hold or transmit on the CTL terminals. The link asserts
hold to keep ownership of the bus while preparing data. The phy asserts the data-on state on the serial bus
during this time. When it is ready to begin transmitting a packet, the link asserts transmit on the CTL terminals
along with the first bits of the packet. After sending the last bits of the packet, the link asserts either idle or hold
on the CTL terminals for one cycle, and then idle for one additional cycle, before asserting those terminals to
a high-impedance state.
The hold state here indicates to the phy that the link needs to send another packet without releasing the bus.
The phy responds to this hold state by waiting the required minimum time and then asserting transmit as before.
This function would be used after sending an acknowledgement if the link intends to send a unified response,
or to send consecutive isochronous packets during a single cycle. The only requirement when sending multiple
packets during a single bus ownership is that all packets must be transmitted at the same speed, since the speed
of the packet transmission is set before the first packet.
As noted above, when the link has finished sending the last packet for the current bus ownership, it releases
the bus by asserting idle on the CTL terminals for two SCLK cycles. The phy begins asserting idle on the CTL
terminals one clock after sampling the second idle from the link. Note that whenever the D and CTL lines change
ownership between the phy and the link, there is an extra clock period allowed so that both sides of the interface
can operate on registered versions of the interface signals, rather than having to respond to a CTL state on the
next cycle.
It is not required that the link enter the hold state before sending the first packet when implementation permits
the link to be ready to transmit as soon as bus ownership is granted. The timing for a single packet transmit
operation is shown in Figure 6. In the diagram, D0 – Dn are the data symbols of the packet; ZZ represents the
high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com