Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01HV Datasheet(PDF) 15 Page - Texas Instruments

Part # TSB14C01HV
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01HV Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSB14C01HV Datasheet HTML 11Page - Texas Instruments TSB14C01HV Datasheet HTML 12Page - Texas Instruments TSB14C01HV Datasheet HTML 13Page - Texas Instruments TSB14C01HV Datasheet HTML 14Page - Texas Instruments TSB14C01HV Datasheet HTML 15Page - Texas Instruments TSB14C01HV Datasheet HTML 16Page - Texas Instruments TSB14C01HV Datasheet HTML 17Page - Texas Instruments TSB14C01HV Datasheet HTML 18Page - Texas Instruments TSB14C01HV Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TSB14C01
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SLLS231B – MARCH 1996 – REVISED MAY 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
status
When the phy has status information to transfer to the link, it initiates a status transfer. The phy waits until the
interface is idle to perform the transfer. The phy initiates the transfer by asserting status (01) on the CTL
terminals, along with the first two bits of status information on D0 and D1. The phy maintains CTL == status for
the duration of the status transfer. The phy can temporarily halt a status transfer by asserting something other
than status on the CTL terminals. This is done in the event that a packet arrives before the status transfer
completes. There must be at least one idle cycle in between consecutive status transfers.
The phy normally sends only the first 4 bits of status to the link. These bits are status flags that are needed by
link state machines. The phy sends an entire status packet to the link after a request transfer that contains a
read request.
The definition of the bits in the status transfer are shown in Table 12 (also see Table 2 and Table 9). The 16-bit
status stream is defined in Table 12.
Table 12. Status Bit Description
Bit(s)
Name
Description
0
Arbitration
Reset Gap
Indicates that the phy has detected that the bus has been idle for an
arbitration reset gap time (this time is defined in the 1394 standard). This bit
is used by the link in its busy/retry state machine.
1
Subaction Gap
Indicates that the phy has detected that the bus has been idle for a subaction
gap time (this time is defined in the 1394 standard). This bit is used by the
link to detect the completion of an isochronous cycle.
2
Bus Reset
Indicates that the phy has entered the bus reset state.
3
Reserved
Reserved
4-7
Address
Holds the address of the phy register whose contents are transferred to the
link.
8-15
Data
Indicates the data that is to be sent to the link.
00
01
01
01
00
00
Phy
CTL0, CTL1
00
S[0,1]
00
00
Phy
D0, D1
S[14,15]
S[2,3]
00
00
Figure 5. Status Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com