Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments ISO1050 Datasheet HTML 16Page - Texas Instruments ISO1050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TYPICAL CHARACTERISTICS
145
147
149
151
153
155
157
159
161
163
-60
-40
-20
0
20
40
60
80
100 120
T -Free-AirTemperature-°C
A
V
1=3V,
V
2=4.75V
CC
CC
V
1=5.5V,
V
2=5.25V
CC
CC
V
1=5V,
V
2=5V
CC
CC
140
150
160
170
180
190
200
-60
-40
-20
0
20
40
60
80
100 120
T -Free-AirTemperature-°C
A
V
1=3V,
V
2=4.75V
CC
CC
V
1=5V,
V
2=5V
CC
CC
V
1=5.5V,
V
2=5.25V
CC
CC
1
1.5
2
2.5
3
3.5
V
=CANH
O
-60
-40
-20
0
20
40
60
80
100 120
T -Free-AirTemperature-°C
A
V
=CANL
O
1
10
100
250
350
450
550
650
750
850
950
SignalingRate-kbps
I
1=3.3V
CC
I
1=5V
CC
I
2=5V
CC
ISO1050
www.ti.com............................................................................................................................................................... SLLS983A – JUNE 2009 – REVISED JULY 2009
RECESSIVE-TO-DOMINANT LOOP TIME
DOMINANT-TO-RECESSIVE LOOP TIME
vs
vs
FREE-AIR TEMPERATURE (across Vcc)
FREE-AIR TEMPERATURE (across Vcc)
Figure 16.
Figure 17.
SUPPLY CURRENT (RMS)
DRIVER OUTPUT VOLTAGE
vs
vs
SIGNALING RATE (kbps)
FREE-AIR TEMPERATURE
Figure 18.
Figure 19.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com