Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AMHV Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB14C01AMHV
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AMHV Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB14C01AMHV Datasheet HTML 9Page - Texas Instruments TSB14C01AMHV Datasheet HTML 10Page - Texas Instruments TSB14C01AMHV Datasheet HTML 11Page - Texas Instruments TSB14C01AMHV Datasheet HTML 12Page - Texas Instruments TSB14C01AMHV Datasheet HTML 13Page - Texas Instruments TSB14C01AMHV Datasheet HTML 14Page - Texas Instruments TSB14C01AMHV Datasheet HTML 15Page - Texas Instruments TSB14C01AMHV Datasheet HTML 16Page - Texas Instruments TSB14C01AMHV Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
For a Write Register Request the length of the LREQ data stream is 17 bits as shown in Table 10 (see Table 2
for the bit field format).
Table 10. Write Request Format
Bit(s)
Name
Description
0
Start bit
Indicates the beginning of the transfer (always 1).
1-3
Request type
Always a 101 indicating that this is a write register request.
4-7
Address
The address of the phy register to be written to.
8-15
Data
The data that is to be written to the specified register address.
16
Stop bit
Indicates the end of the transfer (always 0).
The 3-bit request field is defined in Table 11.
Table 11. Request Field
LREQ1
LREQ2
LREQ3
Name
Description
0
0
0
ImmReq
Immediate request. When an idle is detected, the phy takes control of the bus
immediately (no arbitration)
0
0
1
IsoReq
Isochronous request. When an acknowledge gap is detected, the phy arbitrates for the
bus.
0
1
0
PriReq
Priority request. The phy arbitrates after a subaction gap and ignore fair protocol. PriReq
is used for cycle master request.
0
1
1
Fair/Urgent Req
Fair or urgent request. The phy arbitrates after a subaction gap using fair protocol.
Fair/Urgent Req is used for fair transfers with the request priority field differentiating fair
and urgent transfers for the backplane environment.
1
0
0
RdReg
Read register. Returns the specified register contents through a status transfer
1
0
1
WrReg
Write register. Writes to the specified register
1
1
1
1
0
1
Reserved
Reserved
LREQ Timing (each cell represents one clock sample time) is shown in Figure 4.
LReq0
LReq1
LReq2
LReq3
LReqn
Figure 4. LREQ Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com